Electronic Components Datasheet Search
  English  ▼

X  

PSOC Datasheet(PDF) 127 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 127 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 123Page - Cypress Semiconductor PSOC Datasheet HTML 124Page - Cypress Semiconductor PSOC Datasheet HTML 125Page - Cypress Semiconductor PSOC Datasheet HTML 126Page - Cypress Semiconductor PSOC Datasheet HTML 127Page - Cypress Semiconductor PSOC Datasheet HTML 128Page - Cypress Semiconductor PSOC Datasheet HTML 129Page - Cypress Semiconductor PSOC Datasheet HTML 130Page - Cypress Semiconductor PSOC Datasheet HTML 131Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 148 page
background image
DC and AC Characteristics
September 5, 2002
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
127
13.2 DC Characteristics
Table 103:
DC Operating Specifications
Symbol
DC Operating Specifications
Minimum
Typical
Maximum
Unit
Vcc
Supply Voltage
3.00
-
5.25
V
Icc
Supply Current
-
5
81
1.
Conditions are 5.0V, 25 oC, 3 MHz.
mA
Isb
Sleep (Mode) Current
-
-
52
2.
Without Crystal Oscillator, Vcc = 3.3 V, TA <= 85 oC.
µA
Isbxtl
Sleep (Mode) Current with Crystal Oscillator
-
3
53
3.
Conditions are 3.0V <= Vcc <= 3.6V, -40 oC <= TA <= 85 oC. Correct operation assumes a properly loaded, 1 uW
maximum drive level, 32.768 kHz crystal.
µA
Vref
Reference Voltage (Bandgap)
1.275
1.3
1.3254
4.
Trimmed for appropriate Vcc.
V
Vil
Input Low Voltage
-
-
0.8
V
Vih
Input High Voltage
2.2
-
-
V
Vh
Hysterisis Voltage
-
60
-
mV
Vol
Output Low Voltage
-
-
Vss+0.755
5.
Isink = 25 mA, Vcc = 4.5 V (maximum of 8 IO sinking, 4 on each side of the IC).
V
Voh
Output High Voltage
Vcc-1.06
6.
Isource =10 mA, Vcc = 4.5 V (maximum of 8 IO sourcing, 4 on each side of the IC).
-
-
V
Rpu
Pull Up Resistor Value
4000
5600
8000
Ω
Rpd
Pull Down Resistor Value
4000
5600
8000
Ω
Iil
Input Leakage (Absolute Value)
-
0.1
5
µA
Cin
Capacitive Load on Pins as Input
0.5
1.7
107
7.
Package dependent.
pF
Cout
Capacitive Load on Pins as Output
0.5
1.7
107
pF
VLVD
LVD and SMP Tolerance8
8.
Ideal values are +/- 5% absolute tolerance and +/- 1% tolerance relative to each other (for adjacent levels).
0.95 x Ideal8 Ideal
1.05 x Ideal8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com