Electronic Components Datasheet Search
  English  ▼

X  

PSOC Datasheet(PDF) 124 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 124 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 120Page - Cypress Semiconductor PSOC Datasheet HTML 121Page - Cypress Semiconductor PSOC Datasheet HTML 122Page - Cypress Semiconductor PSOC Datasheet HTML 123Page - Cypress Semiconductor PSOC Datasheet HTML 124Page - Cypress Semiconductor PSOC Datasheet HTML 125Page - Cypress Semiconductor PSOC Datasheet HTML 126Page - Cypress Semiconductor PSOC Datasheet HTML 127Page - Cypress Semiconductor PSOC Datasheet HTML 128Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 148 page
background image
Cypress MicroSystems CY8C25122/CY8C26233/CY8C26443/CY8C26643 Family Data Sheet
124
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
September 5, 2002
12.2 Integrated Development Environment Subsystems
12.2.1 Online Help System
The online help system displays online, context-sensitive
help for the user. Designed for procedural and quick ref-
erence, each functional subsystem has its own context-
sensitive help. This system also provides tutorials and
links to FAQs and an Online Support Forum to aid the
designer in getting started.
12.2.2 Device Editor
PSoC Designer has several main functions. The Device
Editor subsystem lets the user select different onboard
analog and digital component configurations for the
PSoC blocks. PSoC Designer sets up power-on initial-
ization tables for selected PSoC block configurations and
creates source code for an application framework. The
framework contains software to operate the selected
components and, if the project uses more than one oper-
ating configuration, contains routines to switch between
different sets of PSoC block configurations at runtime.
PSoC Designer can print out a configuration sheet for
given project configuration for use during application pro-
gramming in conjunction with the Device Data Sheet.
Once the framework is generated, the user can add
application-specific code to flesh out the framework. It’s
also possible to change the selected components and
regenerate the framework.
12.2.3 Assembler
The included CYASM macro assembler supports the
M8C microcontroller instruction set and generates a load
file ready for device programming or system debugging
using the ICE hardware.
12.2.4 C Language Software Development
A C language compiler supports Cypress MicroSystems’
PSoC family devices. Even if you have never worked in
the C language before, the product quickly allows you to
create complete C programs for the PSoC family
devices.
The embedded, optimizing C compiler provides all the
features of C tailored to the PSoC architecture. It
includes a built-in macro assembler allowing assembly
code to be merged seamlessly with C code. The link
libraries automatically use absolute addressing or can be
compiled in relative mode, and linked with other software
modules to get absolute addressing.
The compiler comes complete with embedded libraries
providing port and bus operations, standard keypad and
display support, and extended math functionality.
12.2.5 Debugger
The PSoC Designer Debugger subsystem provides
hardware in-circuit emulation, allowing the designer to
test the program in a physical system while providing an
internal view of the PSoC device. Debugger commands
allow the designer to read and write program and data
memory, read and write I/O registers, read and write
CPU registers, set and clear breakpoints, and provide
program run, halt, and step control. The debugger also
allows the designer to create a trace buffer of registers
and memory locations of interest.
12.3 Hardware Tools
12.3.1 In-Circuit Emulator
A low cost, high functionality ICE is available for devel-
opment support. This hardware has the capability to pro-
gram single devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com