Electronic Components Datasheet Search
  English  ▼

X  

PSOC Datasheet(PDF) 128 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 128 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 124Page - Cypress Semiconductor PSOC Datasheet HTML 125Page - Cypress Semiconductor PSOC Datasheet HTML 126Page - Cypress Semiconductor PSOC Datasheet HTML 127Page - Cypress Semiconductor PSOC Datasheet HTML 128Page - Cypress Semiconductor PSOC Datasheet HTML 129Page - Cypress Semiconductor PSOC Datasheet HTML 130Page - Cypress Semiconductor PSOC Datasheet HTML 131Page - Cypress Semiconductor PSOC Datasheet HTML 132Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 148 page
background image
Cypress MicroSystems CY8C25122/CY8C26233/CY8C26443/CY8C26643 Family Data Sheet
128
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
September 5, 2002
13.2.1
DC Operational Amplifier Specifications
13.2.1.1
5V Specifications
The following table lists guaranteed maximum and mini-
mum specifications for the voltage and temperature
ranges, 5V +/- 5% and -40°C <= TA <= 85°C. The Opera-
tional Amplifier is a component of both the Analog Con-
tinuous Time PSoC blocks and the Analog Switch Cap
PSoC blocks. The guaranteed specifications are mea-
sured in the Analog Continuous Time PSoC block. Typi-
cal parameters apply to 5V at 25°C and are for design
guidance only. For 3.3V operation, see Table 105 on
page 129.
Table 104:
5V DC Operational Amplifier Specifications
Symbol
5V DC Operational Amplifier Specifications
Minimum
Typical
Maximum
Unit
Input Offset Voltage (Absolute Value)
-
7
30
mV
Average Input Offset Voltage Drift
-
+24
-
µV/°C
Input Leakage Current1
1.
The leakage current includes the Analog Continuous Time PSoC block mux and the analog input mux. The leak-
age related to the General Purpose I/O pins is not included here.
-
3
1000
nA
Input Capacitance2
2.
The Input Capacitance includes the Analog Continuous Time PSoC block mux and the analog input mux. The
capacitance of the General Purpose I/O pins is not included here.
.30
.34
.40
pF
Common Mode Voltage Range3
3.
The common-mode input voltage range is measured through an analog output buffer. The specification includes
the limitations imposed by the characteristics of the analog output buffer.
.5
-
Vcc - 1.0
VDC
Common Mode Rejection Ratio
80
-
-
dB
Open Loop Gain
80
-
-
dB
High Output Voltage Swing (Worst Case Internal Load)
Bias = Low
Bias = Medium
Bias = High
Vcc - .4
Vcc - .4
Vcc - .4
-
-
-
-
-
-
V
V
V
Low Output Voltage Swing (Worst Case Internal Load)
Bias = Low
Bias = Medium
Bias = High
-
-
-
-
-
-
0.1
0.1
0.1
V
V
V
Supply Current (Including Associated AGND Buffer)
Bias = Low
Bias = Medium
Bias = High
-
-
-
125
280
760
300
600
1500
µA
µA
µA
Supply Voltage Rejection Ratio
60
-
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com