Electronic Components Datasheet Search
  English  ▼

X  

PSOC Datasheet(PDF) 132 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 132 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 128Page - Cypress Semiconductor PSOC Datasheet HTML 129Page - Cypress Semiconductor PSOC Datasheet HTML 130Page - Cypress Semiconductor PSOC Datasheet HTML 131Page - Cypress Semiconductor PSOC Datasheet HTML 132Page - Cypress Semiconductor PSOC Datasheet HTML 133Page - Cypress Semiconductor PSOC Datasheet HTML 134Page - Cypress Semiconductor PSOC Datasheet HTML 135Page - Cypress Semiconductor PSOC Datasheet HTML 136Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 148 page
background image
Cypress MicroSystems CY8C25122/CY8C26233/CY8C26443/CY8C26643 Family Data Sheet
132
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
September 5, 2002
13.2.5
Switch Mode Pump Specifications
Table 110:
DC Switch Mode Pump Specifications
Symbol
DC Switch Mode Pump Specifications
Minimum
Typical
Maximum
Unit
Output Voltage1
1.
Average, neglecting ripple.
3.07
-
5.15
V
Available Output Current
Vi = 1.5 V, Vo = 3.25 V
Vi = 1.5 V, Vo = 5.0 V
82
5
2.
For implementation, which includes 2 µH inductor, 1 µF capacitor, and Schottkey diode. Performance is signifi-
cantly a function of external components. Specifications guaranteed for inductors with series resistance less than
0.1 W, with a current rating of > 250 mA, a capacitor with less than 1µA leakage at 5V, and Schottkey diode with
less than 0.6V of drop at 50 mA.
-
-
-
-
mA
mA
Short Circuit Current (Vi = 3.3 V)
-
12
-
mA
Input Voltage Range (During sustained operation)
1.0
-
3.3
V
Minimum Input Voltage to Start Pump
1.1
1.2
-
Output Voltage Tolerance (Over Vi Range)
-
5
-
%Vo
Line Regulation (Over Vi Range)
-
5
-
%Vo
Load Regulation
-
5
-
%Vo
Output Voltage Ripple (Depends on capacitor and load)
-
253
3.
Configuration of note 2. Load is 5 mA.
-
mVpp
Transient Response
50% Load Change to 5% error envelope
Vo Over/Undershoot for 50% Load Change
-
-
1
1
-
-
µs
%Vo
Efficiency
354
4.
Configuration of note 2. Load is 5 mA. Vout is 3.25V.
50
-
%
Switching Frequency
-
1.3
-
MHz
Switching Duty Cycle
-
50
-
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com