Electronic Components Datasheet Search
  English  ▼

X  

PSOC Datasheet(PDF) 135 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 135 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 131Page - Cypress Semiconductor PSOC Datasheet HTML 132Page - Cypress Semiconductor PSOC Datasheet HTML 133Page - Cypress Semiconductor PSOC Datasheet HTML 134Page - Cypress Semiconductor PSOC Datasheet HTML 135Page - Cypress Semiconductor PSOC Datasheet HTML 136Page - Cypress Semiconductor PSOC Datasheet HTML 137Page - Cypress Semiconductor PSOC Datasheet HTML 138Page - Cypress Semiconductor PSOC Datasheet HTML 139Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 148 page
background image
DC and AC Characteristics
September 5, 2002
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
135
13.2.8
DC Programming Specifications
Table 114:
DC Programming Specifications
Symbol
DC Programming Specifications
Minimum
Typical
Maximum
Unit
Iccp
Supply Current During Programming or Verify
-
5
20
mA
Vilp
Input Low Voltage During Programming or Verify
-
-
0.8
V
Vihp
Input High Voltage During Programming or Verify
2.2
-
-
V
Iilp
Input Current when Applying Vilp to P1[0] or P1[1]
During Programming or Verify
-
-
0.2
mA
Iihp
Input Current when Applying Vihp to P1[0] or
P1[1] During Programming or Verify
-
-
1.51
1.
Driving internal pull-down resistor.
mA
Volv
Output Low Voltage During Programming or Verify -
-
Vss + 0.75 V
Vohv
Output High Voltage During Programming or
Verify
Vcc - 1.0
-
Vcc
V
Flashenpb
Flash Endurance (Per Block)
50,000
-
-
E/W Cycles
per Block
Flashent
Flash Endurance (Total)2
2.
A maximum of 36 x 50,000 block endurance cycles is allowed. This may be balanced between operations on 36x1
blocks of 50,000 maximum cycles each, 36x2 blocks of 25,000 maximum cycles each, or 36x4 blocks of 12,500
maximum cycles each (and so forth to limit the total number of cycles to 36x50,000 and that no single block ever
sees more than 50,000 cycles).
The CY8C25xxx/26xxx family of PSoC devices uses an adaptive algorithm to enhance endurance over the indus-
trial temperature range (-40°C to +85°C ambient). Any temperature range within a 50°C span between 0°C and
85°C is considered constant with respect to endurance enhancements. For instance, if room temperature (25°C)
is the nominal operating temperature, then the range from 0°C to 50°C can be approximated by the constant value
25 and a temperature sensor is not needed.
For the full industrial range, the user must employ a temperature sensor User Module (FlashTemp) and feed the
result to the temperature argument before writing. Refer to the Flash APIs Application Note AN2015 at http://
www.cypressmicro.com under Support or Active Design Support for more information.
1,800,000
E/W Cycles
Flashdr
Flash Data Retention (After Cycling)
10
-
-
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com