Electronic Components Datasheet Search
  English  ▼

X  

PSOC Datasheet(PDF) 122 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 122 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 118Page - Cypress Semiconductor PSOC Datasheet HTML 119Page - Cypress Semiconductor PSOC Datasheet HTML 120Page - Cypress Semiconductor PSOC Datasheet HTML 121Page - Cypress Semiconductor PSOC Datasheet HTML 122Page - Cypress Semiconductor PSOC Datasheet HTML 123Page - Cypress Semiconductor PSOC Datasheet HTML 124Page - Cypress Semiconductor PSOC Datasheet HTML 125Page - Cypress Semiconductor PSOC Datasheet HTML 126Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 148 page
background image
Cypress MicroSystems CY8C25122/CY8C26233/CY8C26443/CY8C26643 Family Data Sheet
122
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
September 5, 2002
11.10.2.6
Device Checksum (at Low Vcc and High Vcc)
The device checksum is retrieved from the device and
compared to the “Device Checksum” from the user’s file
(Note that this is NOT the same thing as the “Record
Checksum.”) The checksum is retrieved from the device
with the following sequence:
CHECKSUM-SETUP(max_data_block)
WAIT-AND-POLL
READ-CHECKSUM(data)
Note
: This should be done 2 times; once at Vcc=Vcchv
and once at Vcc=Vcclv.
11.10.2.7
Power Down
The last step is to power down the device. This is
accomplished by the following sequence:
Set SDATA=HighZ (float pin P1[0])
Set SCLK=0V (Vin on pin P1[1]=Vilp)
Set Vcc = 0V
11.11 Programming Wave Forms
Notes
:
11.12 Programming File Format
The programming file is created by PSoC Designer, the
Cypress MicroSystems development tool. This tool gen-
erates the programming file in an Intel Hex format.
The programmer should assume the data is 30h/HALT if
it is not specified in the user’s data file.
Figure 33: Programming Wave Forms
Vcc
SDATA
SCLK
OUT
OUT
IN
IN
Tssclk
Thsclk
1
Vcc is only turned off (0V) at the very beginning and the very end of the flow - not within the programming flow.
2
When the programmer puts the driver on SDATA in a High Z (floating) state, the SDATA pin will float to a low
due to an internal device pull down circuit.
3
SCLK is set to VILP during the power up and power down; at other times the SCLK is “free running.” The fre-
quency of the hardware’s SCLK signal must be known by the software because the value (entered in the num-
ber of MegaHertz multiplied by the number 5) must be passed into the device with the SET-CLK-FREQ()
mnemonic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com