Electronic Components Datasheet Search
  English  ▼

X  

PSOC Datasheet(PDF) 118 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 118 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 114Page - Cypress Semiconductor PSOC Datasheet HTML 115Page - Cypress Semiconductor PSOC Datasheet HTML 116Page - Cypress Semiconductor PSOC Datasheet HTML 117Page - Cypress Semiconductor PSOC Datasheet HTML 118Page - Cypress Semiconductor PSOC Datasheet HTML 119Page - Cypress Semiconductor PSOC Datasheet HTML 120Page - Cypress Semiconductor PSOC Datasheet HTML 121Page - Cypress Semiconductor PSOC Datasheet HTML 122Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 148 page
background image
Cypress MicroSystems CY8C25122/CY8C26233/CY8C26443/CY8C26643 Family Data Sheet
118
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
September 5, 2002
11.7 Internal Voltage Reference
An internal bandgap voltage reference source is pro-
vided on-chip. This reference is used for the Supply Volt-
age Monitor, and can also be accessed by the user as a
reference voltage for analog operations. There is a
Bandgap Oscillator Trim Register (BDG_TR) used to cal-
ibrate this reference into specified tolerance. Factory-
programmed trim values are available for 5.0V and 3.3V
operation. The 5.0V value is loaded in the BDG_TR reg-
ister upon reset. This register must be adjusted when
operating voltage outside the range for which factory cal-
ibration was set. Changing the factory-programmed trim
value is done using the Table Read Supervisor Call rou-
tine, and is documented in 11.8.
Bandgap Trim Register (BDG_TR, Address = Bank 1, EAh)
11.8 Supervisor ROM/System Supervisor Call Instruction
The parts in this family have a Supervisor ROM to man-
age the programming, erasure, and protection of the on-
chip Flash user program space. The Supervisor ROM
also gives the user the capability to read the internal
product ID, access factory trim values, as well as calcu-
late checksums on blocks of the Flash memory space.
The System Supervisor Call instruction (SSC, opcode/
byte 00h) provides the method for the user to access the
pre-existing routines in the Supervisor ROM to imple-
ment these functions. This instruction sets the Flags
Register (CPU_F) bit 3 to 1 and performs an interrupt to
address 0000 into the Supervisory ROM. The flag and
old PC are pushed onto the Stack. The fact that the flag
pushed has F[3] = 1 is irrelevant as the RETI instruction
always clears F[3]. The Supervisory code at 0000 does a
JACC
table lookup based on the Accumulator value,
which is effectively another level of instruction encoding.
This service table implements the vectors to the various
supervisory functions. The user must set several param-
eters when utilizing these functions. The parameters are
written to 5 bytes of an 8-byte block near the top of RAM
memory space.
Access to these functions must be through the Flash
APIs provided in PSoC Designer and described in Appli-
cation Note AN2015.
The following table documents each function, as well as
the required parameter values:
Table 96:
Bandgap Trim Register
Bit #
7
6
5
4
3
2
1
0
POR
FS1
FS1
FS1
FS1
FS1
FS1
FS1
FS1
Read/Write
W
W
W
W
W
W
W
W
Bit Name
FMRD
BGT[2]
BGT[1]
BGT[0]
BGO[3]
BGO[2]
BGO[1]
BGO[0]
Bit 7
: FMRD
0 = Enable voltage divider between BG and Flash (User must not use other than this setting)
1 = Disable voltage divider between BG and Flash (Test purposes only)
Bit [6:4]
: BGT [2:0] Provides Temperature Curve compensation
Bit [3:0]
: BGO [3:0] Provides +/- 5% Offset Trim to center Vbg to 1.30V
1.
FS = Factory set trim value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com