Electronic Components Datasheet Search
  English  ▼

X  

PSOC Datasheet(PDF) 116 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 116 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 112Page - Cypress Semiconductor PSOC Datasheet HTML 113Page - Cypress Semiconductor PSOC Datasheet HTML 114Page - Cypress Semiconductor PSOC Datasheet HTML 115Page - Cypress Semiconductor PSOC Datasheet HTML 116Page - Cypress Semiconductor PSOC Datasheet HTML 117Page - Cypress Semiconductor PSOC Datasheet HTML 118Page - Cypress Semiconductor PSOC Datasheet HTML 119Page - Cypress Semiconductor PSOC Datasheet HTML 120Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 148 page
background image
Cypress MicroSystems CY8C25122/CY8C26233/CY8C26443/CY8C26643 Family Data Sheet
116
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
September 5, 2002
11.5 Supply Voltage Monitor
The Supply Voltage Monitor detector generates an inter-
rupt whenever Vcc drops below a pre-programmed
value. There are eight voltage trip points that are select-
able by setting the VM [2:0] bit in the Voltage Monitor
Control Register (VLT_CR). These bits also select the
Switch Mode Pump trip points. The Supply Voltage Mon-
itor will remain active when the device enters sleep
mode.
Voltage Monitor Control Register (VLT_CR, Address = Bank 1, E3h)
Table 95:
Voltage Monitor Control Register
Bit #
7
6
5
4
3
2
1
0
POR
0
0
0
0
0
0
0
0
Read/
Write
W
RW
--
--
--
W
W
W
Bit Name
SMP
Reserved
Reserved
Reserved
Reserved
VM [2]
VM [1]
VM [0]
Bit 7
: SMP Disables SMP function
0 = Switch Mode Pump enabled, default
1 = Switch Mode Pump disabled
Bit 6
: Reserved
Bit 5
: Reserved
Bit 4
: Reserved
Bit 3
: Reserved
Bit [2:0]
: VM [2:0]
Low Voltage Detection
Switch Mode Pump
0 0 0 = 2.95 Trip Voltage1 0 0 0 = 3.17 Trip Voltage
0 0 1 = 3.02 Trip Voltage 0 0 1 = 3.25 Trip Voltage
0 1 0 = 3.17 Trip Voltage 0 1 0 = 3.42 Trip Voltage
0 1 1 = 3.71 Trip Voltage 0 1 1 = 3.94 Trip Voltage
1 0 0 = 4.00 Trip Voltage 1 0 0 = 4.19 Trip Voltage
1 0 1 = 4.48 Trip Voltage 1 0 1 = 4.64 Trip Voltage
1 1 0 = 4.56 Trip Voltage 1 1 0 = 4.82 Trip Voltage
1 1 1 = 4.64 Trip Voltage 1 1 1 = 5.00 Trip Voltage
1.
Voltages are ideal typical values. Tolerances are in Table 103 on page 127.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com