Electronic Components Datasheet Search
  English  ▼

X  

PSOC Datasheet(PDF) 113 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 113 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 109Page - Cypress Semiconductor PSOC Datasheet HTML 110Page - Cypress Semiconductor PSOC Datasheet HTML 111Page - Cypress Semiconductor PSOC Datasheet HTML 112Page - Cypress Semiconductor PSOC Datasheet HTML 113Page - Cypress Semiconductor PSOC Datasheet HTML 114Page - Cypress Semiconductor PSOC Datasheet HTML 115Page - Cypress Semiconductor PSOC Datasheet HTML 116Page - Cypress Semiconductor PSOC Datasheet HTML 117Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 148 page
background image
Special Features of the CPU
September 5, 2002
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
113
11.3.2
Power On Reset (POR)
Power On Reset (POR) occurs every time the power to
the device is switched on. POR is released when the
supply is typically 2.2V +/-12% for the upward supply
transition, with typically 120mV of hysterisis during the
power on transient. Bit 4 of the Status and Control Regis-
ter (CPU_SCR) is set to record this event (the register
contents are set to 00010000 by the POR). After a POR,
the microprocessor is suspended for 64 ms. This pro-
vides time for the Vcc supply to stabilize after the POR
trip, before CPU operation begins. If the Vcc voltage
drops below the POR downward supply trip point (2.1V
+/-12%, once the internal reference is established), POR
is reasserted.
Important
: The PORS status bit is set at POR and can
only be cleared by the user, and cannot be set by firm-
ware.
11.3.3
Execution Reset
The following diagram illustrates the sequence of events
(in time) for execution reset, from voltage stabilization on
through execution of user’s code. Once voltage trips
POR and after 64 ms, the CPU starts boot calibration.
Boot calibration takes 2,502 cycles, with the CPU run-
ning at 3 MHz. This results in approximately 800
µs for
the time between beginning boot calibration and reset
vector. At reset vector, the boot.asm must execute
before user code begins running. (boot.asm contains
device configurations from PSoC Designer. The time it
takes boot.asm to execute varies depending on device
configuration settings such as CPU speed.)
11.3.4 External Reset (Xres)
Pulling the Xres pin high for a minimum of 10 µS forces
the microcontroller to perform a Power On Reset (POR).
The Xres pin does not require a pull-down resistor for
operation and can be tied directly to ground, or left open.
11.3.5 Watchdog Timer Reset (WDR)
The user has the option to enable the WDT. The WDT is
enabled by clearing the PORS bit. Once the PORS bit is
cleared, the Watchdog Timer (WDT) cannot be disabled.
The only exception to this is if a POR event takes place,
which will disable the WDT.
The sleep timer is used to generate the sleep time period
and the watchdog time period. The sleep timer divides
down the 32K system clock, and thereby produces the
sleep time period. The user can program the sleep time
period to be one of 4 multiples of the period of the 32K
clock. When the sleep time elapses (sleep timer over-
flows), an interrupt to the Sleep Timer Interrupt Vector
will be generated.
Figure 30: Execution Reset
3.0V (Good)
Vcc Power
3.0 - 5.5
64 ms
2502
~
Boot
Calibration
Start CPU
3 MHz
Reset
Vector
boot.asm
User Code
POR 2.2V ± 12%
TrVdd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com