Electronic Components Datasheet Search
  English  ▼

X  

PSOC Datasheet(PDF) 111 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 111 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 107Page - Cypress Semiconductor PSOC Datasheet HTML 108Page - Cypress Semiconductor PSOC Datasheet HTML 109Page - Cypress Semiconductor PSOC Datasheet HTML 110Page - Cypress Semiconductor PSOC Datasheet HTML 111Page - Cypress Semiconductor PSOC Datasheet HTML 112Page - Cypress Semiconductor PSOC Datasheet HTML 113Page - Cypress Semiconductor PSOC Datasheet HTML 114Page - Cypress Semiconductor PSOC Datasheet HTML 115Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 148 page
background image
Special Features of the CPU
September 5, 2002
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
111
This filter is implemented using a combination of hard-
ware and software resources. Hardware is used to accu-
mulate the high-speed in-coming data while the software
is used to process the lower speed, enhanced resolution
data for output.
Decimator Incremental Register (DEC_CR, Address = Bank 0, E6h)
Decimator High Register (DEC_DH / DEC_CL, Address = Bank 0, E4h)
Decimator Data Low Register (DEC_DL, Address = Bank 0, E5h)
Table 90:
Decimator/Incremental Control Register
Bit #
7
6
5
4
3
2
1
0
POR
0
0
0
0
0
0
0
0
Read/Write
RW
RW
RW
RW
RW
RW
RW
RW
Bit Name
IGEN [3]
IGEN [2]
IGEN [1]
IGEN [0]
ICCKSEL
DCol [1]
DCol [0]
DCLKSEL
Bit [7:4]
: IGEN [3:0] Individual enables for each analog column that gates the Analog Comparator based on the
ICCKSEL input (Bit 3)
Bit 3
: ICCKSEL Clock select for Incremental gate function
0 = Digital Basic Type A Block 02
1 = Digital Communications Type A Block 06
Bit [2:1]
: DCol [1:0] Selects Analog Column Comparator source
0 0 = Analog Column Comparator 0
0 1 = Analog Column Comparator 1
1 0 = Analog Column Comparator 2
1 1 = Analog Column Comparator 3
Bit 0
: DCLKSEL Clock select for Decimator latch
0 = Digital Basic Type A Block 02
1 = Digital Communications Type A Block 06
Table 91:
Decimator Data High Register
Bit #
7
6
5
4
3
2
1
0
POR
0
0
0
0
0
0
0
0
Read/Write
RW
RW
RW
RW
RW
RW
RW
RW
Bit Name
Data [7]
Data [6]
Data [5]
Data [4]
Data [3]
Data [2]
Data [1]
Data [0]
Bit [7:0]
: Data [7:0]
8-bit data value when read is the high order byte within the 16-bit decimator data registers
Any 8-bit data value when written will cause both the Decimator Data High (DEC_DH) and Decimator Data Low
(DEC_DL) registers to be cleared
Table 92:
Decimator Data Low Register
Bit #
7
6
5
4
3
2
1
0
POR
0
0
0
0
0
0
0
0
Read/Write
R
R
R
R
R
R
R
R
Bit Name
Data [7]
Data [6]
Data [5]
Data [4]
Data [3]
Data [2]
Data [1]
Data [0]
Bit [7:0]
: Data [7:0]
8-bit data value when read is the low order byte within the 16 bit decimator data registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com