Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6711 Datasheet(PDF) 107 Page - Texas Instruments

Part # TMS320C6711
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6711 Datasheet(HTML) 107 Page - Texas Instruments

Back Button TMS320C6711 Datasheet HTML 103Page - Texas Instruments TMS320C6711 Datasheet HTML 104Page - Texas Instruments TMS320C6711 Datasheet HTML 105Page - Texas Instruments TMS320C6711 Datasheet HTML 106Page - Texas Instruments TMS320C6711 Datasheet HTML 107Page - Texas Instruments TMS320C6711 Datasheet HTML 108Page - Texas Instruments TMS320C6711 Datasheet HTML 109Page - Texas Instruments TMS320C6711 Datasheet HTML 110Page - Texas Instruments TMS320C6711 Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 129 page
background image
TMS320C6711, TMS320C6711B, TMS320C6711C, TMS320C6711D
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS088L − FEBRUARY 1999 − REVISED MAY 2004
107
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
MULTICHANNEL BUFFERED SERIAL PORT TIMING (CONTINUED)
switching characteristics over recommended operating conditions for McBSP†‡ (see Figure 50)
[C6711C/C6711D]
NO.
PARAMETER
11CGDPA-167
11C−200
11DGDPA-167
11D−200
11D−250
UNIT
MIN
MAX
MIN
MAX
1
td(CKSH-CKRXH)
Delay time, CLKS high to CLKR/X high for internal
CLKR/X generated from CLKS input
1.8
10
1.8
10
ns
2
tc(CKRX)
Cycle time, CLKR/X
CLKR/X int
2P§¶
2P§¶
ns
3
tw(CKRX)
Pulse duration, CLKR/X high or
CLKR/X low
CLKR/X int
C − 1#
C + 1#
C − 1#
C + 1#
ns
4
td(CKRH-FRV)
Delay time, CLKR high to internal
FSR valid
CLKR int
−2
3
−2
3
ns
9
t
Delay time, CLKX high to internal
CLKX int
−2
3
−2
3
ns
9
td(CKXH-FXV)
Delay time, CLKX high to internal
FSX valid
CLKX ext
2
9
2
9
ns
12
t
Disable time, DX high impedance
following last data bit from CLKX
CLKX int
−1
4
−1
4
ns
12
tdis(CKXH-DXHZ)
following last data bit from CLKX
high
CLKX ext
1.5
10
1.5
10
ns
13
t
Delay time CLKX high to DX valid
CLKX int
−3.2 + D1||
4 + D2|| −3.2 + D1||
4 + D2||
ns
13
td(CKXH-DXV)
Delay time, CLKX high to DX valid
CLKX ext
0.5 + D1||
10+ D2||
0.5 + D1||
10+ D2||
ns
14
t
Delay time, FSX high to DX valid
FSX int
−1.5
4.5
−1
7.5
ns
14
td(FXH-DXV)
ONLY applies when in data
delay 0 (XDATDLY = 00b) mode
FSX ext
2
9
2
11.5
ns
† CLKRP = CLKXP = FSRP = FSXP = 0. If polarity of any of the signals is inverted, then the timing references of that signal are also inverted.
‡ Minimum delay times also represent minimum output hold times.
§ P = 1/CPU clock frequency in ns. For example, when running parts at 200 MHz, use P = 5 ns.
The minimum CLKR/X period is twice the CPU cycle time (2P) and not faster than 75 Mbps (13.3 ns). This means that the maximum bit rate for
communications between the McBSP and other devices is 75 Mbps for 167-MHz and 200-MHz CPU clocks or 50 Mbps for 100-MHz CPU clock;
where the McBSP is either the master or the slave. Care must be taken to ensure that the AC timings specified in this data sheet are met. The
maximum bit rate for McBSP-to-McBSP communications is 67 Mbps; therefore, the minimum CLKR/X clock cycle is either twice the CPU cycle
time (2P), or 15 ns (67 MHz), whichever value is larger. For example, when running parts at 167 MHz (P = 6 ns), use 15 ns as the minimum
CLKR/X clock cycle (by setting the appropriate CLKGDV ratio or external clock source). When running parts at 60 MHz (P = 16.67 ns), use 2P =
33 ns (30 MHz) as the minimum CLKR/X clock cycle. The maximum bit rate for McBSP-to-McBSP communications applies when the serial port
is a master of the clock and frame syncs (with CLKR connected to CLKX, FSR connected to FSX, CLKXM = FSXM = 1, and CLKRM = FSRM
= 0) in data delay 1 or 2 mode (R/XDATDLY = 01b or 10b) and the other device the McBSP communicates to is a slave.
# C = H or L
S = sample rate generator input clock = 2P if CLKSM = 1 (P = 1/CPU clock frequency)
= sample rate generator input clock = P_clks if CLKSM = 0 (P_clks = CLKS period)
H = CLKX high pulse width = (CLKGDV/2 + 1) * S if CLKGDV is even
= (CLKGDV + 1)/2 * S if CLKGDV is odd or zero
L = CLKX low pulse width = (CLKGDV/2) * S if CLKGDV is even
= (CLKGDV + 1)/2 * S if CLKGDV is odd or zero
CLKGDV should be set appropriately to ensure the McBSP bit rate does not exceed the maximum limit (see ¶ footnote above).
|| Extra delay from CLKX high to DX valid applies only to the first data bit of a device, if and only if DXENA = 1 in SPCR.
If DXENA = 0, then D1 = D2 = 0
If DXENA = 1, then D1 = 2P, D2 = 4P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com