Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6711 Datasheet(PDF) 104 Page - Texas Instruments

Part # TMS320C6711
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6711 Datasheet(HTML) 104 Page - Texas Instruments

Back Button TMS320C6711 Datasheet HTML 100Page - Texas Instruments TMS320C6711 Datasheet HTML 101Page - Texas Instruments TMS320C6711 Datasheet HTML 102Page - Texas Instruments TMS320C6711 Datasheet HTML 103Page - Texas Instruments TMS320C6711 Datasheet HTML 104Page - Texas Instruments TMS320C6711 Datasheet HTML 105Page - Texas Instruments TMS320C6711 Datasheet HTML 106Page - Texas Instruments TMS320C6711 Datasheet HTML 107Page - Texas Instruments TMS320C6711 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 129 page
background image
TMS320C6711, TMS320C6711B, TMS320C6711C, TMS320C6711D
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS088L − FEBRUARY 1999 − REVISED MAY 2004
104
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
MULTICHANNEL BUFFERED SERIAL PORT TIMING (CONTINUED)
timing requirements for McBSP†‡ (see Figure 50) [C6711C/C6711D]
NO.
GDPA-167
−200
−250 (6711D)
UNIT
MIN
MAX
2
tc(CKRX)
Cycle time, CLKR/X
CLKR/X ext
2P§
ns
3
tw(CKRX)
Pulse duration, CLKR/X high or CLKR/X low
CLKR/X ext
0.5 * tc(CKRX) −1
ns
5
t
Setup time external FSR high before CLKR low
CLKR int
9
ns
5
tsu(FRH-CKRL)
Setup time, external FSR high before CLKR low
CLKR ext
1
ns
6
t
Hold time external FSR high after CLKR low
CLKR int
6
ns
6
th(CKRL-FRH)
Hold time, external FSR high after CLKR low
CLKR ext
3
ns
7
t
Setup time DR valid before CLKR low
CLKR int
8
ns
7
tsu(DRV-CKRL)
Setup time, DR valid before CLKR low
CLKR ext
0
ns
8
t
Hold time DR valid after CLKR low
CLKR int
3
ns
8
th(CKRL-DRV)
Hold time, DR valid after CLKR low
CLKR ext
4
ns
10
t
Setup time external FSX high before CLKX low
CLKX int
9
ns
10
tsu(FXH-CKXL)
Setup time, external FSX high before CLKX low
CLKX ext
1
ns
11
t
Hold time external FSX high after CLKX low
CLKX int
6
ns
11
th(CKXL-FXH)
Hold time, external FSX high after CLKX low
CLKX ext
3
ns
† CLKRP = CLKXP = FSRP = FSXP = 0. If polarity of any of the signals is inverted, then the timing references of that signal are also inverted.
‡ P = 1/CPU clock frequency in ns. For example, when running parts at 250 MHz, use P = 4 ns.
§ The minimum CLKR/X period is twice the CPU cycle time (2P) and not faster than 75 Mbps (13.3 ns). This means that the maximum bit rate for
communications between the McBSP and other devices is 75 Mbps for 167-MHz and 200-MHz CPU clocks or 50 Mbps for 100-MHz CPU clock;
where the McBSP is either the master or the slave. Care must be taken to ensure that the AC timings specified in this data sheet are met. The
maximum bit rate for McBSP-to-McBSP communications is 67 Mbps; therefore, the minimum CLKR/X clock cycle is either twice the CPU cycle
time (2P), or 15 ns (67 MHz), whichever value is larger. For example, when running parts at 167 MHz (P = 6 ns), use 15 ns as the minimum
CLKR/X clock cycle (by setting the appropriate CLKGDV ratio or external clock source). When running parts at 60 MHz (P = 16.67 ns), use 2P =
33 ns (30 MHz) as the minimum CLKR/X clock cycle. The maximum bit rate for McBSP-to-McBSP communications applies when the serial port
is a master of the clock and frame syncs (with CLKR connected to CLKX, FSR connected to FSX, CLKXM = FSXM = 1, and CLKRM = FSRM = 0)
in data delay 1 or 2 mode (R/XDATDLY = 01b or 10b) and the other device the McBSP communicates to is a slave.
This parameter applies to the maximum McBSP frequency. Operate serial clocks (CLKR/X) in the reasonable range of 40/60 duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com