Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 143 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 143 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 139Page - Texas Instruments TMS320DM642 Datasheet HTML 140Page - Texas Instruments TMS320DM642 Datasheet HTML 141Page - Texas Instruments TMS320DM642 Datasheet HTML 142Page - Texas Instruments TMS320DM642 Datasheet HTML 143Page - Texas Instruments TMS320DM642 Datasheet HTML 144Page - Texas Instruments TMS320DM642 Datasheet HTML 145Page - Texas Instruments TMS320DM642 Datasheet HTML 146Page - Texas Instruments TMS320DM642 Datasheet HTML 147Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 178 page
background image
www.ti.com
5.14
Video Port
5.14.1
Video Port Device-Specific Information
5.14.2
Video Port Peripheral Register Description(s)
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
Each Video Port is capable of sending and receiving digital video data. The Video Ports are also capable
of capturing/displaying RAW data. The Video Port peripherals follow video standards such as BT.656 and
SMPTE296.
The TMS320DM642 device has three video port peripherals.
The video port peripheral can operate as a video capture port, video display port, or as a transport stream
interface (TSI) capture port.
The port consists of two channels: A and B. A 5120-byte capture/display buffer is splittable between the
two channels. The entire port (both channels) is always configured for either video capture or display only.
Separate data pipelines control the parsing and formatting of video capture or display data for each of the
BT.656, Y/C, raw video, and TSI modes.
For video capture operation, the video port may operate as two 8/10-bit channels of BT.656 or raw video
capture; or as a single channel of 8/10-bit BT.656, 8/10-bit raw video, 16/20-bit Y/C video, 16/20-bit raw
video, or 8-bit TSI.
For video display operation, the video port may operate as a single channel of 8/10-bit BT.656; or as a
single channel of 8/10-bit BT.656, 8/10-bit raw video, 16/20 bit Y/C video, or 16/20-bit raw video. It may
also operate in a two channel 8/10-bit raw mode in which the two channels are locked to the same timing.
Channel B is not used during single channel operation.
For more detailed information on the DM642 Video Port peripherals, see the TMS320C64x DSP Video
Port/VCXO Interpolated Control (VIC) Port Reference Guide (literature number SPRU629).
Table 5-61. Video Port 0, 1, and 2 (VP0, VP1, and VP2) Control Registers
HEX ADDRESS RANGE
ACRONYM
DESCRIPTION
VP0
VP1
VP2
01C4 0000
01C4 4000
01C4 8000
VP_PIDx
Video Port Peripheral Identification Register
01C4 0004
01C4 4004
01C4 8004
VP_PCRx
Video Port Peripheral Control Register
01C4 0008
01C4 4008
01C4 8008
–
Reserved
01C4 000C
01C4 400C
01C4 800C
–
Reserved
01C4 0020
01C4 4020
01C4 8020
VP_PFUNCx
Video Port Pin Function Register
01C4 0024
01C4 4024
01C4 8024
VP_PDIRx
Video Port Pin Direction Register
01C4 0028
01C4 4028
01C4 8028
VP_PDINx
Video Port Pin Data Input Register
01C4 002C
01C4 402C
01C4 802C
VP_PDOUTx
Video Port Pin Data Output Register
01C4 0030
01C4 4030
01C4 8030
VP_PDSETx
Video Port Pin Data Set Register
01C4 0034
01C4 4034
01C4 8034
VP_PDCLRx
Video Port Pin Data Clear Register
01C4 0038
01C4 4038
01C4 8038
VP_PIENx
Video Port Pin Interrupt Enable Register
01C4 003C
01C4 403C
01C4 803C
VP_PIPOx
Video Port Pin Interrupt Polarity Register
01C4 0040
01C4 4040
01C4 8040
VP_PISTATx
Video Port Pin Interrupt Status Register
01C4 0044
01C4 4044
01C4 8044
VP_PICLRx
Video Port Pin Interrupt Clear Register
01C4 00C0
01C4 40C0
01C4 80C0
VP_CTLx
Video Port Control Register
01C4 00C4
01C4 40C4
01C4 80C4
VP_STATx
Video Port Status Register
01C4 00C8
01C4 40C8
01C4 80C8
VP_IEx
Video Port Interrupt Enable Register
01C4 00CC
01C4 40CC
01C4 80CC
VP_ISx
Video Port interrupt Status Register
01C4 0100
01C4 4100
01C4 8100
VC_STATx
Video Capture Channel A Status Register
DM642 Peripheral Information and Electrical Specifications
143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com