Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 145 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 145 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 141Page - Texas Instruments TMS320DM642 Datasheet HTML 142Page - Texas Instruments TMS320DM642 Datasheet HTML 143Page - Texas Instruments TMS320DM642 Datasheet HTML 144Page - Texas Instruments TMS320DM642 Datasheet HTML 145Page - Texas Instruments TMS320DM642 Datasheet HTML 146Page - Texas Instruments TMS320DM642 Datasheet HTML 147Page - Texas Instruments TMS320DM642 Datasheet HTML 148Page - Texas Instruments TMS320DM642 Datasheet HTML 149Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 178 page
background image
www.ti.com
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
Table 5-61. Video Port 0, 1, and 2 (VP0, VP1, and VP2) Control Registers (continued)
HEX ADDRESS RANGE
ACRONYM
DESCRIPTION
VP0
VP1
VP2
01C4 024C
01C4 424C
01C4 824C
VD_VSYNE2x
Video Display Field 2 Vertical Synchronization End Register
01C4 0250
01C4 4250
01C4 8250
VD_RELOADx
Video Display Counter Reload Register
01C4 0254
01C4 4254
01C4 8254
VD_DISPEVTx
Video Display Display Event Register
01C4 0258
01C4 4258
01C4 8258
VD_CLIPx
Video Display Clipping Register
01C4 025C
01C4 425C
01C4 825C
VD_DEFVALx
Video Display Default Display Value Register
01C4 0260
01C4 4260
01C4 8260
VD_VINTx
Video Display Vertical Interrupt Register
01C4 0264
01C4 4264
01C4 8264
VD_FBITx
Video Display Field Bit Register
01C4 0268
01C4 4268
01C4 8268
VD_VBIT1x
Video Display Field 1Vertical Blanking Bit Register
01C4 026C
01C4 426C
01C4 826C
VD_VBIT2x
Video Display Field 2Vertical Blanking Bit Register
7400 000
7800 0000
7C00 0000
Y_RSCA
Y FIFO Source Register A
7400 0008
7800 0008
7C00 0008
CB_SRCA
CB FIFO Source Register A
7400 0010
7800 0010
7C00 0010
CR_SRCA
CR FIFO Source Register A
7400 0020
7800 0020
7C00 0020
Y_DSTA
Y FIFO Destination Register A
7400 0028
7800 0028
7C00 0028
CB_DST
CB FIFO Destination Register
7400 0030
7800 0030
7C00 0030
CR_DST
CR FIFO Destination Register
7600 0000
7A00 0000
7E00 0000
Y_SRCB
Y FIFO Source Register B
7600 0008
7A00 0008
7E00 0008
CB_SRCB
CB FIFO Source Register b
7600 0010
7A00 0010
7E00 0010
CR_SRCB
CR FIFO Source Register B
7600 0020
7A00 0020
7E00 0020
Y_DSTB
Y FIFO Destination Register B
DM642 Peripheral Information and Electrical Specifications
145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com