Electronic Components Datasheet Search
  English  ▼

X  

AD9864 Datasheet(PDF) 35 Page - Analog Devices

Part # AD9864
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9864 Datasheet HTML 31Page - Analog Devices AD9864 Datasheet HTML 32Page - Analog Devices AD9864 Datasheet HTML 33Page - Analog Devices AD9864 Datasheet HTML 34Page - Analog Devices AD9864 Datasheet HTML 35Page - Analog Devices AD9864 Datasheet HTML 36Page - Analog Devices AD9864 Datasheet HTML 37Page - Analog Devices AD9864 Datasheet HTML 38Page - Analog Devices AD9864 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
AD9864
Data Sheet
Rev. A | Page 34 of 47
+
VGA
DAC
Σ-Δ ADC
FS
DEC1
÷12
C1
DEC2
AND
DEC3
I + Q
I + Q
SELECT
LARGER
AGCR
REF LEVEL
K
AGCA/AGCD
SCALING
CDAC
GCP
1
(1 – Z–1)
AGCV
SETTING
CV
DVGA
RSSI DATA
TO SSI
I/Q DATA
TO SSI
Figure 59. Functional Block Diagram of VGA and AGC
Variable Gain Control
The variable gain control is enabled by setting the AGCR field
of Register 0x06 to 0. In this mode, the gain of the VGA (and
the DVGA) can be adjusted by writing to the 16-bit AGCG
register. The maximum update rate of the AGCG register via
the SPI port is fCLK/240. The MSB of this register is the bit that
enables 16 dB of attenuation in the mixer. This feature allows
the AD9864 to cope with large level signals beyond the VGA
range (that is, > −18 dBm at LNA input) to prevent overloading
of the ADC.
The lower 15 bits specify the attenuation in the remainder of the
signal path. If the DVGA is enabled, the attenuation range is
from −12 dB to +12 dB because the DVGA provides 12 dB of
digital gain. In this case, all 15 bits are significant. However,
with the DVGA disabled, the attenuation range extends from
0 dB to 12 dB and only the lower 14 bits are useful. Figure 60
shows the relationship between the amount of attenuation and
the AGC register setting for both cases.
AGCG SETTING (HEX)
–12
0
12
0000
1FFF
3FFF
7FFF
5FFF
6
–6
VGA
RANGE
DVGA
RANGE
ONLY
VGA ENABLED
DVGA AND
VGA ENABLED
Figure 60. AGC Gain Range Characteristics vs. AGCG Register
Setting With and Without DVGA Enabled
Referring to Figure 59, the gain of the VGA is set by an 8-bit
control DAC that provides a control signal to the VGA
appearing at the gain control pin (GCP). For applications
implementing automatic gain control, the output resistance of
the DAC can be reduced by a factor of 9 to decrease the attack
time of the AGC response for faster signal acquisition. An
external capacitor, CDAC, from GCP to analog ground is
required to smooth the output of the DAC each time it updates
as well as to filter wideband noise. Note that CDAC, in
combination with the programmable output resistance of the
DAC, sets the −3 dB bandwidth and time constant associated
with this RC network.
A linear estimate of the received signal strength is performed at
the output of the first decimation stage (DEC1) and output of
the DVGA (if enabled), as discussed in the AGC section. This
data is available as a 6-bit RSSI field within an SSI frame with 60
corresponding to a full-scale signal for a given AGC attenuation
setting. The RSSI field is updated at fCLK/60 and can be used
with the 8-bit attenuation field (or AGCG attenuation setting)
to determine the absolute signal strength. Note that the RSSI data
must be post filtered to remove the ac ripple component that is
dependent on the frequency offset relative to the IF frequency.
The accuracy of the mean RSSI reading (relative to the IF input
power) depends on the input signal’s frequency offset relative to
the IF frequency because both the response of the DEC1 filter
as well as the signal transfer function of the ADC attenuate the
downconverted signal level of the mixer, centered at fCLK/8. As a
result, the estimated signal strength of input signals falling
within proximity to the IF is reported accurately, while those
signals at increasingly higher frequency offsets incur larger
measurement errors. Figure 61 shows the normalized error of
the RSSI reading as a function of the frequency offset from the
IF frequency. Note that the significance of this error becomes
apparent when determining the maximum input interferer (or
blocker) levels with the AGC enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com