Electronic Components Datasheet Search
  English  ▼

X  

AD9864 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9864
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9864 Datasheet HTML 3Page - Analog Devices AD9864 Datasheet HTML 4Page - Analog Devices AD9864 Datasheet HTML 5Page - Analog Devices AD9864 Datasheet HTML 6Page - Analog Devices AD9864 Datasheet HTML 7Page - Analog Devices AD9864 Datasheet HTML 8Page - Analog Devices AD9864 Datasheet HTML 9Page - Analog Devices AD9864 Datasheet HTML 10Page - Analog Devices AD9864 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
AD9864
Data Sheet
Rev. A | Page 6 of 47
ABSOLUTE MAXIMUM RATINGS
Table 3. AD9864 Absolute Maximum Ratings
Parameter
With Respect To
Rating
VDDF, VDDA, VDDC,
VDDD, VDDH, VDDL,
VDDI
GNDF, GNDA, GNDC,
GNDD, GNDH, GNDL,
GNDI, GNDS
−0.3 to +4.0
VDDF, VDDA, VDDC,
VDDD, VDDH, VDDL,
VDDI
VDDR, VDDA, VDDC,
VDDD, VDDH, VDDL,
VDDI
−4.0 V to +4.0 V
VDDP, VDDQ
GNDP, GNDQ
−0.3 V to +6.0 V
GNDF, GNDA, GNDC,
GNDD, GNDH, GNDL,
GNDI, GNDQ, GNDP,
GNDS
GNDF, GNDA, GNDC,
GNDD, GNDH, GNDL,
GNDI, GNDQ, GNDP,
GNDS
−0.3 V to +0.3 V
MXOP, MXON, LOP, LON,
IFIN, CXIF, CXVL, CXVM
GNDH
−0.3 V to
VDDI + 0.3 V
PC, PD, PE, CLKOUT,
DOUTA, DOUTB, FS,
SYNCB
GNDH
−0.3 V to
VDDH + 0.3 V
IF2N, IF2P, GCP, GCN
GNDF
−0.3 V to
VDDF + 0.3 V
VFEFP, VREGN, RREF
GNDA
−0.3 V to
VDDA + 0.3 V
IOUTC
GNDQ
−0.3 V to
VDDQ + 0.3 V
IOUTL
GNDP
−0.3 V to
VDDP + 0.3 V
CLKP, CLKN
GNDC
−0.3 V to
VDDC + 0.3 V
FREF
GNDL
−0.3 V to
VDDL + 0.3 V
Maximum Junction
Temperature
150°C
Storage Temperature
−65°C to +150°C
Maximum Lead
Temperature
300°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, θJA is
specified for device soldered in circuit board for surface-mount
packages.
Table 4. Thermal Resistance
Package Type
θJA
Unit
48-Lead LFCSP
29.5
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com