Electronic Components Datasheet Search
  English  ▼

X  

AD9864 Datasheet(PDF) 46 Page - Analog Devices

Part # AD9864
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864 Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9864 Datasheet HTML 40Page - Analog Devices AD9864 Datasheet HTML 41Page - Analog Devices AD9864 Datasheet HTML 42Page - Analog Devices AD9864 Datasheet HTML 43Page - Analog Devices AD9864 Datasheet HTML 44Page - Analog Devices AD9864 Datasheet HTML 45Page - Analog Devices AD9864 Datasheet HTML 46Page - Analog Devices AD9864 Datasheet HTML 47Page - Analog Devices AD9864 Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
Data Sheet
AD9864
Rev. A | Page 45 of 47
LAYOUT EXAMPLE, EVALUATION BOARD, AND
SOFTWARE
The evaluation platform and its accompanying software provide
a simple way to evaluate the AD9864. Figure 77 shows the
AD9864 evaluation board connected to the HSC-ADC-
EVALCZ data capture card in its simplest configuration with
only an external 5 V lab supply and RF signal generator
required for the AD6676 evaluation board. The evaluation
board is designed to be flexible, supporting different IFs as well
as LO and CLK generation schemes. An alternative right angle
18-pin header is available for monitoring digital input/output
signals or interfacing to other FPGA, DSP, or microcontroller
development platforms. The evaluation board also serves as a
layout example.
The power supply distribution block provides filtered,
adjustable voltages to the main core of the AD9864 as well as
the digital input/output supply. In the IF input signal path,
component pads are available to implement different IF
impedance matching networks. The LO and CLK signals can be
externally applied or internally derived from on-board VCOs
supporting the on-chip LO and CLK synthesizers. The reference
for the on-chip LO and CLK synthesizers can be applied via the
external fREF input or an via the on-board crystal oscillator.
Figure 77. Evaluation Board Platform
A simple software SPI control graphical user interface (GUI)
provides a ways to configure the AD9864. Analog Devices
VisualAnalog software is used for real-time data analysis. These
programs have a convenient GUI that allows easy access to the
various SPI port configuration registers and frequency/time
domain analysis of the output data.
SPI INITIALIZATION EXAMPLE
Table 24 shows an example SPI initialization sequence that is
used to configure the device when using both the on-chip LO
and CLK synthesizer. Note the following:
Step 4 through Step 10 can be avoided if an external clock
is supplied. Note that clock synthesizer and oscillator must
also be disabled in Step 3 (0x00 = 0x7F) and remain disabled
in Step 15 (0x70 or 0x30 depending on the LO synthesizer
being enabled).
Step 20 to Step 24 can be avoided if an external LO source
is supplied.
Wait states are included for both tuning procedure and
clock synthesizer (if used).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com