Electronic Components Datasheet Search
  English  ▼

X  

AD9864 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9864
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864 Datasheet(HTML) 5 Page - Analog Devices

  AD9864 Datasheet HTML 1Page - Analog Devices AD9864 Datasheet HTML 2Page - Analog Devices AD9864 Datasheet HTML 3Page - Analog Devices AD9864 Datasheet HTML 4Page - Analog Devices AD9864 Datasheet HTML 5Page - Analog Devices AD9864 Datasheet HTML 6Page - Analog Devices AD9864 Datasheet HTML 7Page - Analog Devices AD9864 Datasheet HTML 8Page - Analog Devices AD9864 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
AD9864
Data Sheet
Rev. A | Page 4 of 47
Parameter
Temperature
Test Level
Min
Typ
Max
Unit
OVERALL
Analog Supply Voltage (VDDA, VDDF, VDDI)
Full
VI
2.7
3.0
3.6
V
Digital Supply Voltage (VDDD, VDDC, VDDL)
Full
VI
2.7
3.0
3.6
V
Interface Supply Voltage (VDDH)6
Full
VI
1.8
3.6
V
Charge Pump Supply Voltage (VDDP, VDDQ)
Full
VI
2.7
5.0
5.5
V
Total Current
Operation Mode7
Full
VI
17
mA
Standby
Full
VI
0.01
mA
OPERATING TEMPERATURE RANGE
−40
+85
°C
1
This includes 0.9 dB loss of matching network.
2
AGC with DVGA enabled.
3
Measured in 10 kHz bandwidth.
4
Programmable in 0.67 mA steps.
5
Voltage span in which LO (or CLK) charge pump output current is maintained within 5% of nominal value of VDDP/2 (or VDDQ/2).
6
VDDH must be less than VDDD + 0.5 V.
7
Clock VCO off and additional 0.7 mA with VGA at maximum attenuation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com