Electronic Components Datasheet Search
  English  ▼

X  

AD9864 Datasheet(PDF) 40 Page - Analog Devices

Part # AD9864
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9864 Datasheet HTML 36Page - Analog Devices AD9864 Datasheet HTML 37Page - Analog Devices AD9864 Datasheet HTML 38Page - Analog Devices AD9864 Datasheet HTML 39Page - Analog Devices AD9864 Datasheet HTML 40Page - Analog Devices AD9864 Datasheet HTML 41Page - Analog Devices AD9864 Datasheet HTML 42Page - Analog Devices AD9864 Datasheet HTML 43Page - Analog Devices AD9864 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
Data Sheet
AD9864
Rev. A | Page 39 of 47
–60
–70
–80
–90
–50
0
250
300
200
150
100
50
LO FREQUENCY (MHz)
Figure 69. Total In-Band Noise + Spur Power with No Signal Applied as a Function of the LO Frequency (fCLK = 18 MHz and Output Signal Bandwidth = 150 kHz)
–60
–70
–80
–90
–50
0
250
300
LO FREQUENCY (MHz)
200
150
100
50
Figure 70. Same as Figure 69 Excluding LO Frequencies Known to Produce Large In-Band Spurs
Spurious Responses
The spectral purity of the LO (including its phase noise) is an
important consideration because LO spurs can mix with undesired
signals present at the AD9864 IFIN input to produce an in-band
response. To demonstrate the low LO spur level introduced
within the AD9864, Figure 71 plots the demodulated output
power as a function of the input IF frequency for an LO
frequency of 71.1 MHz and a clock frequency of 18 MHz.
The two large −10 dBFS spikes near the center of the plot are the
desired responses at fLO, ± fIF2_ADC, where fIF2_ADC = fCLK/8, that is,
at 68.85 MHz and 73.35 MHz. LO spurs at fLO ± fSPUR result in
spurious responses at offsets of ± fSPUR around the desired
responses. Close-in spurs of this kind are not visible on the plot;
however, small spurious responses at fLO ± fIF2_ADC ± fCLK (at
50.85 MHz, 55.35 MHz, 86.85 MHz, and 91.35 MHz) are visible
at the −90 dBFS level. This data indicates that the AD9864 does
an excellent job of preserving the purity of the LO signal.
Figure 71 can also be used to gauge how well the AD9864
rejects undesired signals. For example, the half-IF response
(at 69.975 MHz and 72.225 MHz) is approximately −100 dBFS,
giving a selectivity of 90 dB for this spurious response. The
largest spurious response at approximately −70 dBFS occurs
with input frequencies of 70.35 MHz and 71.85 MHz. These
spurs result from third-order nonlinearity in the signal path
(that is, abs [3 × fLO − 3 × fIF_INPUT] = fCLK/8).
90
50
0
–40
–20
–80
–60
100
IF FREQUENCY (MHz)
–120
–100
60
70
80
D =
fCLK/4 = 4.5MHz
DESIRED
RESPONSES
Figure 71. Response of AD9864 to a −20 dBm IF Input when fLO = 71.1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com