Electronic Components Datasheet Search
  English  ▼

X  

AD9864 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9864
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9864 Datasheet HTML 6Page - Analog Devices AD9864 Datasheet HTML 7Page - Analog Devices AD9864 Datasheet HTML 8Page - Analog Devices AD9864 Datasheet HTML 9Page - Analog Devices AD9864 Datasheet HTML 10Page - Analog Devices AD9864 Datasheet HTML 11Page - Analog Devices AD9864 Datasheet HTML 12Page - Analog Devices AD9864 Datasheet HTML 13Page - Analog Devices AD9864 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
Data Sheet
AD9864
Rev. A | Page 9 of 47
TYPICAL PERFORMANCE CHARACTERISTICS
VDDI = VDDF = VDDA = VDDC = VDDL = VDDH = VDDx , VDDQ = VDDP = 2.7 V to 5.5 V, fCLK = 18 MSPS, fIF = 109.65 MHz,
fLO = 107.4 MHz, fREF = 16.8 MHz, TA=25 Co, LO and CLK synthesizer disabled, 16-bit data with AGC and DVGA enabled, unless
otherwise noted.
VDDx (V)
9.5
2.7
3.0
3.3
3.6
6.0
+85°C
+25°C
–40°C
6.5
7.0
7.5
8.0
8.5
9.0
Figure 3. SSB Noise Figure vs. Supply
VDDx (V)
98
2.7
3.0
3.3
3.6
92
97
96
95
94
93
–40°C
+85°C
+25°C
Figure 4. Dynamic Range (DR) vs. Supply
VDDx (V)
–29.5
2.7
3.0
3.3
3.6
+85°C
+25°C
–30.0
–30.5
–31.0
–31.5
–32.0
–40°C
Figure 5. Minimum VGA Attenuation Clip Point vs. Supply
VDDx (V)
0
2.7
3.0
3.3
3.6
–12
+85°C
+25°C
–40°C
–10
–8
–6
–4
–2
Figure 6. IIP3 vs. Supply
VDDx (V)
–17.5
2.7
3.0
3.3
3.6
–40°C
+85°C
+25°C
–18.0
–18.5
–19.0
–19.5
–20.0
–20.5
Figure 7. Maximum VGA Attenuation Clip Point vs. Supply
LO DRIVE (dBm)
0.1
–20
–14
–8
–5
0
–0.2
–0.4
–0.6
–0.8
–0.1
–0.3
–0.5
–0.7
–11
–17
Figure 8. Normalized Gain Variation vs. LO Drive (VDDx = 3.0 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com