Electronic Components Datasheet Search
  English  ▼

X  

AD9864 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9864
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9864 Datasheet HTML 10Page - Analog Devices AD9864 Datasheet HTML 11Page - Analog Devices AD9864 Datasheet HTML 12Page - Analog Devices AD9864 Datasheet HTML 13Page - Analog Devices AD9864 Datasheet HTML 14Page - Analog Devices AD9864 Datasheet HTML 15Page - Analog Devices AD9864 Datasheet HTML 16Page - Analog Devices AD9864 Datasheet HTML 17Page - Analog Devices AD9864 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
Data Sheet
AD9864
Rev. A | Page 13 of 47
VDDI = VDDF = VDDA = VDDC = VDDL = VDDH = 3.0 V , VDDQ = VDDP = 2.7 V to 5.5 V, fCLK = 18 MSPS, fIF = 109.65 MHz, fLO =
107.4 MHz, fREF = 16.8 MHz, TA=25 Co, LO and CLK Synthesizer Disabled, AGC enabled, unless otherwise noted.
INTERFERER LEVEL (dBm)
16
–50
8
15
13
11
10
9
–10
–15
NOISE FIGURE
AGC ATTN
14
12
–20
–25
–30
–35
–40
–45
256
0
224
160
96
64
32
192
128
Figure 27. Noise Figure vs. Interferer Level (16-Bit Data with DVGA,
BW = 12.5 kHz, AGCR = 1, fINTERFERER = fIF + 110 kHz)
INTERFERER LEVEL (dBm)
16
–65
8
15
13
11
10
9
–5
–15
NOISE FIGURE
AGC ATTN
14
12
–25
–35
–45
–55
128
0
32
96
64
Figure 28. Noise Figure vs. Interferer Level (24-Bit Data,
BW = 12.5 kHz, AGCR = 1, fINTERFERER = fIF + 110 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com