Electronic Components Datasheet Search
  English  ▼

X  

AD9864 Datasheet(PDF) 36 Page - Analog Devices

Part # AD9864
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9864 Datasheet HTML 32Page - Analog Devices AD9864 Datasheet HTML 33Page - Analog Devices AD9864 Datasheet HTML 34Page - Analog Devices AD9864 Datasheet HTML 35Page - Analog Devices AD9864 Datasheet HTML 36Page - Analog Devices AD9864 Datasheet HTML 37Page - Analog Devices AD9864 Datasheet HTML 38Page - Analog Devices AD9864 Datasheet HTML 39Page - Analog Devices AD9864 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
Data Sheet
AD9864
Rev. A | Page 35 of 47
0
0
–3
–6
NORMALIZED FREQUENCY OFFSET ((
fIN–fIF) fCLK)
–9
–18
0.03
0.04
0.05
0.02
0.01
–12
–15
Figure 61. Normalized RSSI Error vs. Normalized IF Frequency Offset
Automatic Gain Control (AGC)
The gain of the VGA (and DVGA) is automatically adjusted
when the AGC is enabled via the AGCR field of Register 0x06.
In this mode, the gain of the VGA is continuously updated at
fCLK/60 in an attempt to ensure that the maximum analog signal
level into the ADC does not exceed the ADC clip level and that
the rms output level of the ADC is equal to a programmable
reference level. With the DVGA enabled, the AGC control loop
also attempts to minimize the effects of 16-bit truncation noise
prior to the SSI output by continuously adjusting the gain of the
DVGA to ensure maximum digital gain while not exceeding the
programmable reference level.
This programmable level can be set at 3 dB, 6 dB, 9 dB, 12 dB,
and 15 dB below the ADC saturation (clip) level by writing
values from 1 to 5 to the 3-bit AGCR field. Note that the ADC
clip level is defined to be 2 dB below its full scale (−18 dBm at
the LNA input for a matched input and maximum attenuation).
If AGCR is 0, automatic gain control is disabled. Because
clipping of the ADC input degrades the SNR performance, the
reference level must also take into consideration the peak-to-
rms characteristics of the target (or interferer) signals.
Referring again to Figure 59, the majority of the AGC loop
operates in the discrete time domain. The sample rate of the
loop is fCLK/60; therefore, registers associated with the AGC
algorithm are updated at this rate. The number of overload and
ADC reset occurrences within the final I/Q update rate of the
AD9864, as well as the AGC value (8 MSB), can be read from
the SSI data upon proper configuration.
The AGC performs digital signal estimation at the output of the
first decimation stage (DEC1) as well as the DVGA output that
follows the last decimation stage (DEC3). The rms power of the
I and Q signal is estimated by the equation
Xest[n] = Abs(I[n] + Abs(Q[n])
(7)
Signal estimation after the first decimation stage allows the
AGC to cope with out-of-band interferers and in-band signals
that could otherwise overload the ADC. Signal estimation after
the DVGA allows the AGC to minimize the effects of the 16-bit
truncation noise.
When the estimated signal level falls within the range of the
AGC, the AGC loop adjusts the VGA (or DVGA) attenuation
setting so that the estimated signal level is equal to the
programmed level specified in the AGCR field. The absolute
signal strength can be determined from the contents of the
ATTN and RSSI field that is available in the SSI data frame
when properly configured. Within this AGC tracking range, the
6-bit value in the RSSI field remains constant while the 8-bit
ATTN field varies according to the VGA/DVGA setting. Note
that the ATTN value is based on the 8 MSB contained in the
AGCG field of Register 0x03 and Register 0x04.
A description of the AGC control algorithm and the user
adjustable parameters follows. First, consider the case where the
in-band target signal is bigger than all out-of-band interferers
and the DVGA is disabled. With the DVGA disabled, a control
loop based only on the target signal power measured after
DEC1 is used to control the VGA gain, and the target signal is
tracked to the programmed reference level. If the signal is too
large, the attenuation is increased with a proportionality
constant determined by the AGCA setting. Large AGCA values
result in large gain changes, thus rapid tracking of changes in
signal strength. If the target signal is too small relative to the
reference level, the attenuation is reduced; however, now the
proportionality constant is determined by both the AGCA and
AGCD settings. The AGCD value is effectively subtracted from
AGCA, so a large AGCD results in smaller gain changes and
thus slower tracking of fading signals.
The 4-bit code in the AGCA field sets the raw bandwidth of the
AGC loop. With AGCA = 0, the AGC loop bandwidth is at its
minimum of 50 Hz, assuming fCLK = 18 MHz. Each increment of
AGCA increases the loop bandwidth by a factor of √2; thus the
maximum bandwidth is 9 kHz. A general expression for the
attack bandwidth is
BWA = 50 × (fCLK/18 MHz) × 2(AGCA/2) Hz
(8)
Assuming that the loop dynamics are essentially those of a
single-pole system, the corresponding attack time is
tATTACK = 2.2/(100 × π × 2(AGCA/2)) = 35/BWA
(9)
The 4-bit code in the AGCD field sets the ratio of the attack
time to the decay time in the amplitude estimation circuitry.
When AGCD is zero, this ratio is one. Incrementing AGCD
multiplies the decay time constant by 21/2, allowing a 180:1
range in the decay time relative to the attack time. The decay
time may be computed from
tDECAY = tATTACK × 2(AGCD/2)
(10)
Figure 62 shows the AGC response to a 30 Hz pulse-modulated
IF burst for different AGCA and AGCD settings. The 3-bit
value in the AGCO field determines the amount of attenuation
added in response to a reset event in the ADC. Each increment
in AGCO doubles the weighting factor. At the highest AGCO
setting, the attenuation changes from 0 dB to 12 dB in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com