Electronic Components Datasheet Search
  English  ▼

X  

AD9864 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9864
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9864 Datasheet HTML 23Page - Analog Devices AD9864 Datasheet HTML 24Page - Analog Devices AD9864 Datasheet HTML 25Page - Analog Devices AD9864 Datasheet HTML 26Page - Analog Devices AD9864 Datasheet HTML 27Page - Analog Devices AD9864 Datasheet HTML 28Page - Analog Devices AD9864 Datasheet HTML 29Page - Analog Devices AD9864 Datasheet HTML 30Page - Analog Devices AD9864 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
AD9864
Data Sheet
Rev. A | Page 26 of 47
FREF
84kΩ
~VDDL/2
LO
BUFFER
500Ω
500Ω
TO MIXER
LO PORT
1.75V
BIAS
LOP
LON
NOTES
1. ESD DIODE STRUCTURES OMITTED FOR CLARITY.
2. FREF STBY SWITCHES SHOWN WITH LO SYNTHESIZER ON.
Figure 40. Equivalent Input of LO and REF Buffers
Figure 40 shows the equivalent input structures of the LO and
REF buffers of the synthesizers (excluding the ESD structures).
The LO input is fed to the buffer of the LO synthesizer as well as
the LO port of the AD9864 mixer. Both inputs are self biasing and
thus tolerate ac-coupled inputs. The LO input can be driven with
a single-ended or differential signal. Single-ended, dc-coupled
inputs ensure sufficient signal swing above and below the
common-mode bias of the LO and REF buffers (that is, 1.75 V
and VDDL/2). Note that the fREF input is slew rate dependent
and must be driven with input signals exceeding 7.5 V/µs to
ensure proper synthesizer operation. If this condition cannot be
met, an external logic gate can be inserted prior to the fREF input
to square up the signal, thus allowing an fREF input frequency
approaching dc.
Fast Acquire Mode
The fast acquire circuit attempts to boost the output current when
the phase difference between the divided-down LO (that is, fLO)
and the divided-down reference frequency (that is, fREF) exceeds
the threshold determined by the LOFA register. The LOFA
register specifies a divisor for the fREF signal that determines the
period (T) of this divided-down clock. This period defines the
time interval used in the fast acquire algorithm to control the
charge pump current.
Assume that the nominal charge pump current is at its lowest
setting (LOI = 0), and denote this minimum current by I0.
When the output pulse from the phase comparator exceeds T,
the output current for the next pulse is 2I0. When the pulse is
wider than 2T, the output current for the next pulse is 3I0, and
so forth, up to eight times the minimum output current. If the
nominal charge pump current is more than the minimum value
(LOI > 0), the preceding rule is only applied if it results in an
increase in the instantaneous charge pump current. If the
charge pump current is set to its lowest value (LOI = 0) and the
fast acquire circuit is enabled, the instantaneous charge pump
current never falls below 2I0when the pulse width is less than T.
Thus, the charge pump current when fast acquire is enabled is
given by
IPUMP-FA = I0 × [1 = Max(1, LOI, Pulse Width/T)]
(4)
The recommended setting for LOFA is LOR/16. Choosing a
larger value for LOFA increases T. Thus, for a given phase
difference between the LO input and the fREF input, the
instantaneous charge pump current is less than that available for
a LOFA value of LOR/16. Similarly, a smaller value for LOFA
decreases T, making more current available for the same phase
difference. In other words, a smaller value of LOFA enables the
synthesizer to settle faster in response to a frequency hop than a
large LOFA value. Take care to choose a value for LOFA that is
large enough (values greater than 4 are recommended) to
prevent the loop from oscillating back and forth in response to
a frequency hop.
Table 17. SPI Registers Associated with LO Synthesizer
Address (Hex)
Bit(s)
Width
Default Value
Name
0x00
[7:0]
1
0xFF
STBY
0x08
[5:0]
6
0x00
LOR [13:8]
0x09
[7:0]
8
0x38
LOR [7:0]
0x0A
[7:5]
3
0x5
LOA
[4:0]
5
0x00
LOB [12:8]
0x0B
[7:0]
8
0xiD
LOB [7:0]
0x0C
6
1
0
LOF
5
1
0
LOINV
[4:2]
3
0x00
LOI
[1:0]
2
0x00
LOTM
0x0D
[3:0]
4
0x00
LOFA [13:8]
0x0E
[7:0]
8
0x04
LOFA [7:0]
CLOCK SYNTHESIZER
The clock synthesizer is a fully programmable integer-N PLL
capable of supporting input clock and reference frequencies up
to 26 MHz. It is similar to the LO synthesizer described in
Figure 39 with the following exceptions:
•
It does not include an 8/9 prescaler nor an A counter.
•
It includes a negative-resistance core that, when used in
conjunction with an external LC tank and varactor, serves
as the VCO.
The 14-bit reference counter and 13-bit N-divider counter can
be programmed via the CKR and CKN registers. The clock
frequency, fCLK, is related to the reference frequency by the
equation
fCLK = (CKN/CKR × fREF)
(5)
The charge pump current is programmable via the CKI register
from 0.625 mA to 5.0 mA using the equation
IPUMP = (CKI + 1) × 0.625 mA
(6)
The fast acquire subcircuit of the charge pump is controlled
by the CKFA register in the same manner the LO synthesizer
is controlled by the LOFA register. An on-chip lock detect
function (enabled by the CKF bit) automatically increases the
output current for faster settling during channel changes. The
synthesizer may also be disabled using the CK standby bit
located in the STBY register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com