Electronic Components Datasheet Search
  English  ▼

X  

AD9864 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9864
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9864 Datasheet HTML 30Page - Analog Devices AD9864 Datasheet HTML 31Page - Analog Devices AD9864 Datasheet HTML 32Page - Analog Devices AD9864 Datasheet HTML 33Page - Analog Devices AD9864 Datasheet HTML 34Page - Analog Devices AD9864 Datasheet HTML 35Page - Analog Devices AD9864 Datasheet HTML 36Page - Analog Devices AD9864 Datasheet HTML 37Page - Analog Devices AD9864 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
Data Sheet
AD9864
Rev. A | Page 33 of 47
NORMALIZED FREQUENCY (RELATIVE TO
fOUT)
3
0.250
0.125
0
2
1
0
–1
–2
–3
PASS-BAND GAIN VARIATION = 0.9dB
Figure 56. Pass-Band Frequency Response of the Decimator for K = 1
NORMALIZED FREQUENCY (RELATIVE TO
fOUT)
0
0.50
0.25
0
–20
–40
–60
–80
–100
–120
MIN ALIAS ATTN = 87.7dB
Figure 57. Folded Decimator Frequency Response for K = 0
NORMALIZED FREQUENCY (RELATIVE TO
fOUT)
0
0
0.50
0.25
–20
–40
–60
–80
–100
–120
MIN ALIAS ATTN = 97.2dB
Figure 58. Folded Decimator Frequency Response for K = 1
VARIABLE GAIN AMPLIFIER OPERATION WITH
AUTOMATIC GAIN CONTROL
The AD9864 contains both a variable gain amplifier (VGA) and
a digital VGA (DVGA) along with all of the necessary signal
estimation and control circuitry required to implement automatic
gain control (AGC), as shown in Figure 59. The AGC control
circuitry provides a high degree of programmability, allowing
users to optimize the AGC response as well as the dynamic
range of the AD9864 for a given application. The VGA is
programmable over a 12 dB range and implemented within the
ADC by adjusting its full-scale reference level. Increasing the
full scale of the ADC is equivalent to attenuating the signal. An
additional 12 dB of digital gain range is achieved by scaling the
output of the decimation filter in the DVGA. Note that a slight
increase in the supply current (0.67 mA) is drawn from VDDI
and VDDF as the VGA changes from 0 dB to 12 dB attenuation.
The purpose of the VGA is to extend the usable dynamic range
of the AD9864 by allowing the ADC to digitize a desired signal
over a large input power range as well as recover a low level
signal in the presence of larger unfiltered interferers without
saturating or clipping the ADC. The DVGA is most useful in
extending the dynamic range in narrow-band applications
requiring a 16-bit I and Q data format. In these applications,
quantization noise resulting from internal truncation to 16 bits
as well as external 16-bit fixed point post processing can degrade
the effective noise figure of the AD9864 by 1 dB or more.
The DVGA is enabled by writing a 1 to the AGCV field. The
VGA (and the DVGA) can operate in either a user controlled
variable gain mode or automatic gain control (AGC) mode. It is
worth noting that the VGA imparts negligible phase error upon
the desired signal as its gain is varied over a 12 dB range. This is
due to the bandwidth of the VGA being far greater than the
down converted desired signal (centered about fCLK/8) and
remaining relatively independent of gain setting. As a result,
phase modulated signals experience minimal phase error as the
AGC varies the VGA gain while tracking an interferer or the
desired signal under fading conditions. Note that the envelope
of the signal is still affected by the AGC settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com