Electronic Components Datasheet Search
  English  ▼

X  

AD9864 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9864
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9864 Datasheet HTML 26Page - Analog Devices AD9864 Datasheet HTML 27Page - Analog Devices AD9864 Datasheet HTML 28Page - Analog Devices AD9864 Datasheet HTML 29Page - Analog Devices AD9864 Datasheet HTML 30Page - Analog Devices AD9864 Datasheet HTML 31Page - Analog Devices AD9864 Datasheet HTML 32Page - Analog Devices AD9864 Datasheet HTML 33Page - Analog Devices AD9864 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
Data Sheet
AD9864
Rev. A | Page 29 of 47
A 16 dB step attenuator is also included within the LNA/mixer
circuitry to prevent large signals (that is, > −18 dBm) from
overdriving the Σ-Δ modulator. In such instances, the Σ-Δ
modulator becomes unstable, thus severely desensitizing the
receiver. The 16 dB step attenuator can be invoked by setting
the ATTEN bit (Register 0x03, Bit 7), causing the mixer gain to
be reduced by 16 dB. The 16 dB step attenuator can be used in
applications where a potential target or blocker signal could
exceed the IF input clip point. Although the LNA is driven into
compression, it may still be possible to recover the desired signal
if it is FM. See Table 19 for the gain compression characteristics
of the LNA and mixer with the 16 dB attenuator enabled.
Table 19. SPI Registers Associated with LNA/Mixer
Address (Hex)
Bit(s)
Width
Default Value
Name
0x00
[7:0]
8
0xFF
STBY
0x03
7
1
0
ATTEN
BAND-PASS Σ-∆ ADC
The ADC of the AD9864 is shown in Figure 47. The ADC
contains a sixth-order, multibit band-pass Σ-Δ modulator that
achieves very high instantaneous dynamic range over a narrow
frequency band. The loop filter of the band-pass Σ-Δ modulator
consists of two continuous-time resonators followed by a discrete
time resonator, with each resonator stage contributing a pair of
complex poles. The first resonator is an external LC tank, while
the second is an on-chip active RC filter. The output of the LC
resonator is ac-coupled to the second resonator input via 100 pF
capacitors. The center frequencies of these two continuous-time
resonators must be tuned to fCLK/8 for the ADC to function
properly. The center frequency of the discrete time resonator
automatically scales with fCLK, thus no tuning is required.
TO DIGITAL
FILTER
SC
RESO-
NATOR
NINE-
LEVEL
FLASH
ESL
GAIN
CONTROL
MIXER
OUTPUT
EXTERNAL
LC
fCLK = 13 MSPS TO 26 MSPS
MXOP
MXON
IF2P
IF2N
RC
RESO-
NATOR
DAC1
Figure 47. Equivalent Circuit of Sixth-Order Band-Pass Σ-∆ Modulator
Figure 48 shows the measured power spectral density measured
at the output of the undecimated band-pass Σ-Δ modulator.
Note that the wide dynamic range achieved at the center
frequency, fCLK/8, is achieved once the LC and RC resonators of
the Σ-Δ modulator have been successfully tuned. The out-of-
band noise is removed by the decimation filters following
quadrature mixer.
0
0
–10
–20
–30
–50
–40
FREQUENCY (MHz)
–60
–70
–80
–90
–100
12
3
4
5
6
7
8
9
–2dBFS OUTPUT
fCLK = 18MHz
NBW = 3.3kHz
Figure 48. Measured Undecimated Spectral Output of Σ-∆
Modulator ADC with fCLK = 18 MSPS and Noise Bandwidth of 3.3 kHz
The signal transfer function of the AD9864 possesses inherent
anti-alias filtering by virtue of the continuous time portions of
the loop filter in the band-pass Σ-Δ modulator. Figure 49
illustrates this property by plotting the nominal signal transfer
function of the ADC for frequencies up to 2fCLK. The notches
that naturally occur for all frequencies that alias to the fCLK/8
pass band are clearly visible. Even at the widest bandwidth
setting, the notches are deep enough to provide greater than
80 dB of alias protection. Thus, the wideband IF filtering
requirements preceding the AD9864 are determined mostly by
the image band of the mixer, which is offset from the desired IF
input frequency by fCLK/4 (that is, 2 × fCLK/8) rather than any
aliasing associated with the ADC.
0
–10
–20
–30
–50
–40
NORMALIZED FREQUENCY (RELATIVE TO
fOUT)
–60
–70
–80
0.5
0
1.0
1.5
2.0
NOTCH AT ALL ALIAS FREQUENCIES
Figure 49. Signal Transfer Function of the Band-Pass Σ-∆
Modulator from 0 fCLK to 2fCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com