Electronic Components Datasheet Search
  English  ▼

X  

AD9864 Datasheet(PDF) 37 Page - Analog Devices

Part # AD9864
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9864 Datasheet HTML 33Page - Analog Devices AD9864 Datasheet HTML 34Page - Analog Devices AD9864 Datasheet HTML 35Page - Analog Devices AD9864 Datasheet HTML 36Page - Analog Devices AD9864 Datasheet HTML 37Page - Analog Devices AD9864 Datasheet HTML 38Page - Analog Devices AD9864 Datasheet HTML 39Page - Analog Devices AD9864 Datasheet HTML 40Page - Analog Devices AD9864 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
AD9864
Data Sheet
Rev. A | Page 36 of 47
approximately 10 µs, while at the lowest setting the attenuation
changes from 0 dB to 12 dB in approximately 1.2 ms. In both
cases, assume that fCLK = 18 MHz. Figure 63 shows the AGC
attack time response for different AGCO settings.
AGCA = 0
80
64
0
48
32
16
96
TIME (ms)
10
20
0
50
40
30
80
64
0
48
32
16
96
AGCA = 4
80
64
0
48
32
16
96
AGCA = 8
AGCD = 8
AGCD = 0
AGCD = 8
AGCD = 0
AGCD = 8
AGCD = 0
Figure 62. AGC Response for Different AGCA and AGCD Settings with
fCLK = 18 MSPS, fCLKOUT = 20 kSPS, Decimate by 900, and AGCO = 0
TIME (ms)
0.1
0.2
0
0.5
0.4
0.3
80
64
0
48
32
16
96
1.0
0.9
0.8
0.7
0.6
112
128
AGCO = 7
AGCO = 4
AGCD = 0
Figure 63. AGC Response for Different AGCO Settings with fCLK = 18 MSPS,
fCLKOUT = 300 kSPS, Decimate by 60 and AGCA = AGCD = 0
Lastly, the AGCF bit reduces the DAC source resistance by at
least a factor of 10, which facilitates fast acquisition by lowering
the RC time constant that is formed with the external capacitors
connected from the GCP pin to ground (GCN pin). For an
overshoot-free step response in the AGC loop, choose the
capacitor connected from the GCP pin to the GCN ground
pin so that the RC time constant is less than one quarter of the
raw loop.
Specifically,
RC < 1/(8πBW)
(11)
where:
R is the resistance between the GCP pin and ground
(72.5 kΩ ±30% if AGCF = 0, < 8 kΩ if AGCF = 1).
BW is the raw loop bandwidth.
Note that with C chosen at this upper limit, the loop bandwidth
increases by approximately 30%.
Now consider the case described previously but with the DVGA
enabled to minimize the effects of 16-bit truncation. With the
DVGA enabled, a control loop based on the larger of the two
estimated signal levels (that is, the output of DEC1 and DVGA)
controls the DVGA gain. The DVGA multiplies the output of
the decimation filter by a factor of 1 to 4 (that is, 0 dB to 12 dB).
When signals are small, the DVGA gain is 4 and the 16-bit output
is extracted from the 24-bit data produced by the decimation
filter by dropping 2 MSB and taking the next 16 bits. As signals
become larger, the DVGA gain decreases to the point where the
DVGA gain is 1 and the 16-bit output data is simply the 16 MSB
of the internal 24-bit data. As signals become even larger,
attenuation is accomplished by the normal method of
increasing the full scale of the ADC.
The extra 12 dB of gain range provided by the DVGA reduces
the input-referred truncation noise by 12 dB and makes the
data more tolerant of LSB corruption within the DSP. The price
paid for this extension to the gain range is that the start of AGC
action is 12 dB lower and that the AGC loop becomes unstable
if its bandwidth is set too wide. The latter difficulty results from
the large delay of the decimation filters, DEC2 and DEC3, when
the user implements a large decimation factor. As a result, given
the option, the use of 24-bit data is preferable to using the
DVGA. Figure 64 indicates which AGCA values are reasonable
for various decimation factors (DEC FAC). The white cells
indicate that the (decimation factor/AGCA) combination works
well; the light gray cells indicate ringing and an increase in the
AGC settling time; and the dark gray cells indicate that the
combination results in instability or near instability in the AGC
loop. Setting AGCF = 1 improves the time-domain behavior at
the expense of increased spectral spreading.
4
M
AGCA
5
6
7
8
9
10 11 12 13 14 15
60
0
120
1
300
4
540
8
900
E
Figure 64. AGCA Limits when DVGA is Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com