Electronic Components Datasheet Search
  English  ▼

X  

AD9864 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9864
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9864 Datasheet HTML 27Page - Analog Devices AD9864 Datasheet HTML 28Page - Analog Devices AD9864 Datasheet HTML 29Page - Analog Devices AD9864 Datasheet HTML 30Page - Analog Devices AD9864 Datasheet HTML 31Page - Analog Devices AD9864 Datasheet HTML 32Page - Analog Devices AD9864 Datasheet HTML 33Page - Analog Devices AD9864 Datasheet HTML 34Page - Analog Devices AD9864 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
AD9864
Data Sheet
Rev. A | Page 30 of 47
Figure 50 shows the nominal signal transfer function
magnitude for frequencies near the fCLK/8 pass band. The width
of the pass band determines the transfer function droop, but
even at the lowest oversampling ratio (48) where the pass band
edges are at ±fCLK/192 (±0.005 fCLK), the gain variation is less
than 0.5 dB. Also consider the amount of attenuation offered by
the signal transfer function near fCLK/8 when determining the
narrow-band IF filtering requirements preceding the AD9864.
–0.10
0
–5
–10
NORMALIZED FREQUENCY (RELATIVE TO
fCLK)
–15
–20
–0.05
0
0.05
0.10
Figure 50. Magnitude of the Signal Transfer Function of the ADC near fCLK/8
Tuning of the Σ-∆ modulator’s two continuous-time resonators
is essential in realizing the full dynamic range of the ADC, and
must be performed upon system startup. To facilitate tuning of
the LC tank, a capacitor array is internally connected to the MXOP
and MXON pins. The capacitance of this array is programmable
from 0 pF to 200 pF ± 20% and can be programmed either
automatically or manually via the SPI port. The capacitors of
the active RC resonator are similarly programmable. Note that
the AD9864 can be placed in and out of its standby mode without
retuning since the tuning codes are stored in the SPI registers.
When tuning the LC tank, the sampling clock frequency must
be stable and the LNA/mixer, LO synthesizer, and ADC must all
be placed in standby. Because large LO and IF signals
(>−40 dBm) present at the inputs of the AD9864 can corrupt
the calibration, these signals must be minimized or disabled
during the calibration sequence. Tuning is triggered when the
ADC is taken out of standby if the TUNE_LC bit of Register
0x1C has been set. This bit clears when the tuning operation is
complete (less than 6 ms). The tuning codes can be read from
the 3-bit CAPL1 (0x1D) and the 6-bit CAPL0 (0x1E) registers.
In a similar manner, tuning of the RC resonator is activated if
the TUNE_RC bit of Register 0x1C is set when the ADC is
taken out of standby. This bit clears when tuning is complete.
The tuning code can be read from the CAPR (0x1F) register.
Setting both the TUNE_LC and TUNE_RC bits tunes the LC
tank and the active RC resonator in succession. During tuning,
the ADC is not operational and neither data nor a clock is
available from the SSI port.
The following mechanisms prevent the tuning procedure from
finishing (that is, Register 0x1C does not clear):
•
CLK signal is not present or scaled/biased properly into
CLKP (and/or CLKN) pin such that internal clock receiver
does not square-up the input clock signal. To determine if
the CLK input signal is being received correctly, a clock
signal appears at the CLKOUT when the ADC is not in
standby mode (Register 0x00), and the CLKOUT buffer is
not three-stated (Register 0x18).
•
LC resonator fails to resonate during tune operation.
Check to see proper values are used for LC tank and that it
is connected to MXOP/MXON pins. Also check if 100 pF
capacitors are connected between MXOP (MXON) and
IF2P (IF2N) pins.
•
SYCNB pin is low.
•
Capacitor value (between the MXOP/MXON and
IF2P/IF2N pins) is larger than 100 pF.
Table 20 lists the recommended sequence of the SPI commands for
tuning the ADC, and Table 21 lists all of the SPI registers associated
with band-pass Σ-∆ ADC. Note that the recommended sequence
includes additional steps for robustness. These steps are additional
measures to prevent the back-end ADC from generating an
internal unstable signal that locks the state machine, thus
preventing resonator tuning. It also allows five attempts to calibrate
the resonators. As a further safeguard, the user can save the settings
for Register 0x1D, Register 0x1E, and Register 0x1F determined
during factory test and reload these settings after five attempts.
Note that that the occurrence of this tuning issue is extremely
rare among devices shipped to date, and the occurrence among
any suspect devices being quite low (<0.1%).
Table 20. Tuning Sequence
Address
(Hex)
Value
(Hex)
Comments
0x3E
0x47
Disable internal ADC unstable signal.
Enable RC Q enhancement.
Bypass RC and SC resonators.
0x38
0x01
Enable manual control of feedback DAC
0x39
0x0F
Set DAC to midscale
0x00
0x45
LO synthesizer, LNA/mixer, and ADC are
placed in standby.1
0x1C
0x03
Set TUNE_LC and TUNE_RC. Wait for CLK to
stabilize if CLK synthesizer used.
0x00
0x44
Take the ADC out of standby. Wait for 0x1C
to clear (<6 ms).
0x1C
0x00
If 0x1C does not clear, clear 0x1C and make
five attempts before exiting loop.
0x38
0x00
Disable manual control of feedback DAC
0x3E
0x00
Re-enable ADC unstable signal.
Disable RC Q enhancement.
Disable bypass of RC and SC resonators.
0x00
0x40
LNA/mixer (and LO SYN if used) can now be
taken out of standby
1
If external CLK VCO or source is used, the CLK oscillator must also be
disabled. Large IF or LO signals can corrupt the calibration; these signals
must be disabled during the calibration sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com