Electronic Components Datasheet Search
  English  ▼

X  

AD9864 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9864
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9864 Datasheet HTML 12Page - Analog Devices AD9864 Datasheet HTML 13Page - Analog Devices AD9864 Datasheet HTML 14Page - Analog Devices AD9864 Datasheet HTML 15Page - Analog Devices AD9864 Datasheet HTML 16Page - Analog Devices AD9864 Datasheet HTML 17Page - Analog Devices AD9864 Datasheet HTML 18Page - Analog Devices AD9864 Datasheet HTML 19Page - Analog Devices AD9864 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
Data Sheet
AD9864
Rev. A | Page 15 of 47
SERIAL PERIPHERAL INTERFACE (SPI)
The SPI is a bidirectional serial port. It is used to load the configuration information into the registers listed in Table 6, as well as to read
back their contents. Table 6 provides a list of the registers that can be programmed through the SPI port. Addresses and default values are
given in hexadecimal form.
Table 6. SPI Address Map
Address
(Hex)
Bit(s)
Width
Default
Value
Name
Description
Power Control Registers
0x00
[7:0]
8
0xFF
STBY
Standby control bits (REF, LO, CKO, CK, GC, LNAMX, unused, and ADC).
Default is power-up condition of standby.
0x01
[3:2]
2
0x00
CKOB
CK oscillator bias (0 = 0.25 mA, 1 = 0.35 mA, 2 = 0.40 mA, 3 = 0.65 mA).
[1:0]
2
0x00
ADCB
Do not use.
0x02
[7:0]
8
0x00
TEST
Factory test mode. Do not use.
AGC
0x03
7
1
0
ATTEN
Apply 16 dB attenuation in the front end.
[6:0]
7
0x00
AGCG [14:8]
AGC attenuation setting (7 MSBs of a 15-bit unsigned word).
0x04
[7:0]
8
0x00
AGCG [7:0]
AGC attenuation setting (8 LSBs of a 15-bit unsigned word).
0x05
[7:4]
4
0x00
AGCA
AGC attack bandwidth setting. Default yields 50 Hz loop bandwidth.
[3:0]
4
0x00
AGCD
AGC decay time setting. Default is decay time = attack time.
0x06
7
1
0
AGCV
Enable digital VGA to increase AGC range by 12 dB.
[6:4]
3
0x00
AGCO
AGC overload update setting. Default is slowest update.
3
1
0
AGCF
Fast AGC (minimizes resistance seen between GCP and GCN).
[2:0]
3
0x00
AGCR
AGC enable/reference level (disabled, 3 dB, 6 dB, 9 dB, 12 dB, 15 dB
below clip).
Decimation Factor
0x07
[7:5]
3
Unused
4
1
0
K
Decimation factor = 60 × (M + 1), if K = 0; 48 × (M + 1), if K = 1.
[3:0]
4
0x04
M
Default is decimate-by-300.
LO Synthesizer
0x08
[5:0]
6
0x00
LOR [13:8]
Reference frequency divider (6 MSBs of a 14-bit word).
0x09
[7:0]
8
0x38
LOR [7:0]
Reference frequency divisor (8 LSBs of a 14-bit word). Default (56) yields
300 kHz from fREF = 16.8 MHz.
0x0A
[7:5]
3
0x05
LOA
A counter (prescaler control counter).
[4:0]
5
0x00
LOB [12:8]
B counter MSB (5 MSB of a 13-bit word). Default LOA and LOB values
yield 300 kHz from 73.35 MHz to 2.25 MHz.
0x0B
[7:0]
8
0x1D
LOB [7:0]
B counter LSB (8 LSB of a 13-bit word).
0x0C
6
1
0
LOF
Enable fast acquire.
5
1
0
LOINV
Invert charge pump (0 = source current to increase VCO frequency).
[4:2]
3
0x00
LOI
Charge pump current in normal operation. IPUMP = (LOI +1) × 0.625 mA.
[1:0]
2
0x03
LOTM
Manual control of LO charge pump (0 = off, 1 = up, 2 = down, and
3 = normal).
0x0D
[5:0]
6
0x00
LOFA [13:8]
LO fast acquire time unit (6 MSBs of a 14-bit word).
0x0E
[7:0]
8
0x04
LOFA [7:0]
LO fast acquire time unit (8 LSBs of a 14-bit word).
Clock Synthesizer
0x10
[5:0]
6
0x00
CKR [13:8]
Reference frequency divisor (6 MSBs of a 14-bit word).
0x11
[7:0]
8
0x38
CKR [7:0]
Reference frequency divisor (8 LSBs of a 14-bit word). Default yields
300 kHz from fREF = 16.8 MHz; minimum = 3, maximum = 16383.
0x12
[4:0]
5
0x00
CKN [12:8]
Synthesized frequency divisor (5 MSBs of a 13-bit word).
0x13
[7:0]
8
0x3C
CKN [7:0]
Synthesized frequency divisor (8 LSBs of a 13-bit word). Default yields
300 kHz from 18 MHz; minimum = 3, maximum = 8191.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com