Electronic Components Datasheet Search
  English  ▼

X  

AD9864 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9864
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9864 Datasheet HTML 19Page - Analog Devices AD9864 Datasheet HTML 20Page - Analog Devices AD9864 Datasheet HTML 21Page - Analog Devices AD9864 Datasheet HTML 22Page - Analog Devices AD9864 Datasheet HTML 23Page - Analog Devices AD9864 Datasheet HTML 24Page - Analog Devices AD9864 Datasheet HTML 25Page - Analog Devices AD9864 Datasheet HTML 26Page - Analog Devices AD9864 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
AD9864
Data Sheet
Rev. A | Page 22 of 47
CLKOUT
FS
DOUT
CLKOUT
FS
DOUT
CLKOUT
FS
DOUT
CLKOUT
FS
DOUT
I15
I0
Q15
Q14
Q0
I15
I0
Q15
Q14
Q0
I15
I0
Q15
Q14
Q0
ATTN7
ATTEN6
RSSI0
I15
Q15
I8
STOP
BIT
START
BIT
I7
I0
STOP
BIT
START
BIT
SCKI = 0, SCKT = 0, SLFS = 0, SFSI = 0, EFS = 0, SFST = 0, EAGC = 0
SCKI = 0, SCKT = 0, SLFS = 1, SFSI = 0, EFS = 0, SFST = 0, EAGC = 0
SCKI = 0, SCKT = 0, SLFS = 0, SFSI = 0, EFS = 0, SFST = 0, EAGC = 1, AAGC
SCKI = 0, SCKT = 0, SLFS = X, SFSI = X, EFS = 1, SFST = 1, EAGC = 0
SCKI = 0, SCKT = 0, SLFS = X, SFSI = X, EFS = 1, SFST = 0, EAGC = 0; AS ABOVE, BUT FS IS LOW
IDLE (HIGH) BITS
HI-Z
Figure 33. SSI Timing for Several SSICRA Settings with 16-Bit I/Q Data
Table 14. Number of Bits per Frame for Different SSICR
Settings
DW
EAGC
EFS
AAGC
Number of Bits per Frame
0 (16 Bits)
0
0
N/A
32
0
1
N/A
491
1
0
0
48
1
0
1
40
1
1
0
691
1
1
1
591
1 (24 Bits)
0
0
N/A
48
0
1
N/A
691
1
0
0
64
1
0
1
56
1
1
0
891
1
1
1
791
1
The number of bits per frame with embedded frame sync (EFS = 1); assume
at least 10 idle bits are desired.
2
N/A means not applicable.
The maximum SSIORD setting can be determined by the
following equation:
SSIORD < TRUNC[(Decimation Factor)/(Number of
Bits per Frame)]
(1)
where TRUNC is the truncated integer value.
If SSIORD = (decimation factor)/(number of bits per frame),
the last bit in the SSI frame is not clocked out prior to FS
returning high.
Table 14 lists the number of bits within a frame for 16-bit and 24-bit
output data formats for all of the different SSICR settings. The
decimation factor is determined by the contents of Register 0x07.
An example helps illustrate how the maximum SSIORD setting
is determined. Suppose a user selects a decimation factor of 600
(Register 0x07, K = 0, M = 9) and prefers a 3-wire interface with a
dedicated frame sync (EFS = 0) containing 24-bit data (DW = 1)
with nonalternating embedded AGC data included (EAGC = 1,
AAGC = 0). Referring to Table 14, each frame consists of 64
data bits. Using Equation 1, the maximum SSIORD setting is
9 (= TRUNC(600/64)). Therefore, the user can select any
SSIORD setting between 1 and 9.
Figure 33 illustrates the output timing of the SSI port for several
SSI control register settings with 16-bit I/Q data, and Figure 34
shows the associated timing parameters. Note that the same
timing relationship holds for 24-bit I/Q data, with the exception
that I and Q word lengths now become 24 bits. In the default mode
of operation, data is shifted out on rising edges of CLKOUT
after a pulse equal to a clock period is output from the frame
sync (FS) pin. As described above, the output data consists of a
16-bit or 24-bit I sample followed by a 16-bit or 24-bit Q sample,
plus two optional bytes containing AGC and status information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com