Electronic Components Datasheet Search
  English  ▼

X  

AD9864 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9864
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9864 Datasheet HTML 22Page - Analog Devices AD9864 Datasheet HTML 23Page - Analog Devices AD9864 Datasheet HTML 24Page - Analog Devices AD9864 Datasheet HTML 25Page - Analog Devices AD9864 Datasheet HTML 26Page - Analog Devices AD9864 Datasheet HTML 27Page - Analog Devices AD9864 Datasheet HTML 28Page - Analog Devices AD9864 Datasheet HTML 29Page - Analog Devices AD9864 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
Data Sheet
AD9864
Rev. A | Page 25 of 47
Table 16. Standby Control Bits
STBY Bit
Effect
Current
Reduction
(mA)1
Wake-Up
Time (ms)
7: REF
Voltage reference off; all
biasing shut down.
0.6
<0.1
(CREF = 4.7 nF)
6: LO
LO synthesizer off,
IOUTL three-state.
1.2
See Note 2
5: CKO
Clock oscillator off.
1.1
See Note 2
4: CK
Clock synthesizer off,
IOUTC three-state. Clock
buffer off if ADC is off.
1.3
See Note 2
3: GC
Gain control DAC OFF.
GCP and GCN three-
state.
0.2
Depends on
CGC
2: LNAMX
LNA and mixer off.
CXVM, CXVL, and CXIF
three-state.
8.2
<2.2
1: Unused
0: ADC
ADC off; clock buffer off
if CLK synthesizer off;
VCM three-state; clock
to the digital filter
halted; digital outputs
static.
9.2
<0.1
1
When all blocks are in standby, the master reference circuit is also put into
standby, and thus the current is further reduced by 0.4 mA.
2
Wake-up time is dependent on programming and/or external components.
LO SYNTHESIZER
The LO synthesizer shown in Figure 39 is a fully programmable
phase-locked loop (PLL) capable of 6.25 kHz resolution at input
frequencies up to 300 MHz and reference clocks of up to 26 MHz.
It consists of a low noise, digital, phase-frequency detector (PFD),
a variable output current charge pump (CP), a 14-bit reference
divider, programmable A and B counters, and a dual-modulus
8/9 prescaler.
The A (3-bit) and B (13-bit) counters, in conjunction with the
dual 8/9 modulus prescaler, implement an N divider with N =
8 × B + A. In addition, the 14-bit reference counter (R counter)
allows selectable input reference frequencies, fREF, at the PFD
input. A complete PLL can be implemented if the synthesizer is
used with an external loop filter and voltage controlled
oscillator (VCO).
The A, B, and R counters can be programmed via the following
registers: LOA, LOB, and LOR. The charge pump output current
is programmable via the LOI register from 0.625 mA to 5.0 mA
using the equation
IPUMP = (LOI + 1) × 0.625 mA
(2)
An on-chip fast acquire function (enabled by the LOF bit)
automatically increases the output current for faster settling
during channel changes. The synthesizer can also be disabled
using the LO standby bit located in the STBY register.
fREF
fREF
fLO
fLO
FROM
VCO
REF
BUFFER
÷R
PHASE-
FREQUENCY
DETECTOR
FAST
ACQUIRE
CHARGE
PUMP
TO EXTERNAL
LOOP
FILTER
LO
BUFFER
÷
8/9
A. B
COUNTERS
LOR
LOA, LOB
Figure 39. LO Synthesizer
The LO (and CLK) synthesizer works in the following manner.
The externally supplied reference frequency, fREF, is buffered and
divided by the value held in the R counter. The internal fREF is
then compared to a divided version of the VCO frequency, fLO.
The phase/frequency detector provides up and down pulses
whose widths vary, depending upon the difference in phase and
frequency of the input signals of the detector. The up/down
pulses control the charge pump, making current available to
charge the external low-pass loop filter when there is a
discrepancy between the inputs of the PFD. The output of the
low-pass filter feeds an external VCO whose output frequency,
fLO, is driven such that its divided down version, fLO, matches
that of fREF, thus closing the feedback loop.
The synthesized frequency is related to the reference frequency
and the LO register contents as follows:
fLO = (8 × LOB + LOA)/LOR × fREF
(3)
Note that the minimum allowable value in the LOB register is 3,
and its value must always be greater than that loaded into LOA.
An example helps to illustrate how the values of LOA, LOB, and
LOR can be selected. Consider an application employing a
13 MHz crystal oscillator (fREF = 13 MHz), with the requirement
that fREF = 100 kHz and fLO = 143 MHz, that is, high side injection
with fIF = 140.75 MHz and fCLK = 18 MSPS. LOR is selected to be
130 so that fREF = 100 kHz. The N-divider factor is 1430, which
can be realized by selecting LOB = 178 and LOA = 6.
The stability, phase noise, spur performance, and transient
response of the AD9864 LO (and CLK) synthesizers are
determined by the external loop filter, the VCO, the N-divide
factor, and the reference frequency, fREF. A good overview of the
theory and practical implementation of PLL synthesizers
(featured as a 3-part series in Analog Dialogue) can be found on
the Analog Devices website. A free software copy of the Analog
Devices ADIsimPLL, a PLL synthesizer simulation tool, is also
available at www.analog.com. Note that the ADF4112 can be
used as a close approximation to the LO synthesizer of the
AD9864 when using this software tool.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com