Electronic Components Datasheet Search
  English  ▼

X  

AD9864 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9864
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9864 Datasheet HTML 11Page - Analog Devices AD9864 Datasheet HTML 12Page - Analog Devices AD9864 Datasheet HTML 13Page - Analog Devices AD9864 Datasheet HTML 14Page - Analog Devices AD9864 Datasheet HTML 15Page - Analog Devices AD9864 Datasheet HTML 16Page - Analog Devices AD9864 Datasheet HTML 17Page - Analog Devices AD9864 Datasheet HTML 18Page - Analog Devices AD9864 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
AD9864
Data Sheet
Rev. A | Page 14 of 47
TERMINOLOGY
Single Sideband Noise Figure (SSB NF)
Noise figure (NF) is defined as the degradation in SNR
performance (in dB) of an IF input signal after it passes through
a component or system. It can be expressed with the equation
Noise Figure = 10 × log(SNRIN/SNROUT)
The term SSB is applicable for heterodyne systems containing a
mixer. It indicates that the desired signal spectrum resides on only
one side of the LO frequency (that is, single sideband); therefore,
a noiseless mixer has a noise figure of 3 dB.
The SSB noise figure of the AD9864 is determined by the equation
SSB NF = PIN − [10 × log(BW)] − (−174 dBm/Hz) − SNR
where:
PIN is the input power of an unmodulated carrier.
BW is the noise measurement bandwidth.
−174 dBm/Hz is the thermal noise floor at 293 K.
SNR is the measured signal-to-noise ratio in dB of the AD9864.
Note that PIN is set to −85 dBm to minimize any degradation in
measured SNR due to phase noise from the RF and LO signal
generators. The IF frequency, CLK frequency, and decimation
factors are selected to minimize any spurious components
falling within the measurement bandwidth. Note also that a
bandwidth of 10 kHz is used for the data sheet specification. All
references to noise figures within this data sheet imply single
sideband noise figure.
Input Third-Order Intercept (IIP3)
IIP3 is a figure of merit used to determine the susceptibility of a
component or system to intermodulation distortion (IMD) from
its third-order nonlinearities. Two unmodulated carriers at a
specified frequency relationship (f1 and f2) are injected into a
nonlinear system exhibiting third-order nonlinearities producing
IMD components at 2f1 − f2 and 2f2 − f1. IIP3 graphically
represents the extrapolated intersection of the carrier’s input
power with the third-order IMD component when plotted in dB.
The difference in power (D in dBc) between the two carriers, and
the resulting third-order IMD components can be determined
from the equation
D = 2 × (IIP3 − PIN)
Dynamic Range (DR)
Dynamic range is the measure of a small target input signal
(PTARGET) in the presence of a large unwanted interferer signal
(PINTER). Typically, the large signal causes some unwanted
characteristic of the component or system to degrade, thus
making it unable to detect the smaller target signal correctly.
For the AD9864, it is often a degradation in noise figure at
increased VGA attenuation settings that limits its dynamic
range.
The test method for the AD9864 is as follows. The small target
signal (an unmodulated carrier) is input at the center of the IF
frequency, and its power level (PTARGET) is adjusted to achieve an
SNRTARGET of 6 dB. The power of the signal is then increased by
3 dB prior to injecting the interferer signal. The offset frequency
of the interferer signal is selected so that aliases produced by
the response of the decimation filter, as well as phase noise from
the LO (due to reciprocal mixing), do not fall back within the
measurement bandwidth. For this reason, an offset of 110 kHz
was selected. The interferer signal (also an unmodulated carrier)
is then injected into the input and its power level is increased to
the point (PINTER) where the target signal SNR is reduced to 6 dB.
The dynamic range is determined with the equation
DR = PINTER − PTARGET + SNRTARGET
Note that the AGC of the AD9864 is enabled for this test.
IF Input Clip Point
The IF input clip point is defined as the input power that results
in a digital output level 2 dB below full scale. Unlike other linear
components that typically exhibit a soft compression
(characterized by its 1 dB compression point), an ADC exhibits
a hard compression when its input signal exceeds its rated
maximum input signal range. For the AD9864, which contains
a Σ-∆ ADC, hard compression must be avoided because it
causes severe SNR degradation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com