Electronic Components Datasheet Search
  English  ▼

X  

AD9864 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9864
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9864 Datasheet HTML 24Page - Analog Devices AD9864 Datasheet HTML 25Page - Analog Devices AD9864 Datasheet HTML 26Page - Analog Devices AD9864 Datasheet HTML 27Page - Analog Devices AD9864 Datasheet HTML 28Page - Analog Devices AD9864 Datasheet HTML 29Page - Analog Devices AD9864 Datasheet HTML 30Page - Analog Devices AD9864 Datasheet HTML 31Page - Analog Devices AD9864 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
Data Sheet
AD9864
Rev. A | Page 27 of 47
2
VDDC = 3.0V
IOUTC
LOSC
0.1µF
RBIAS
LOOP
FILTER
RD
AD9864
CLKN
CLKP
15
19
20
RF CP
CZ
CVAR
COSC
VCM = VDDC – RBIAS × IBIAS > 1.6V
fOSC > 1/{2 × (LOSC × (CVARACTOR||COSC))1/2}
CLK OSC. BIAS
IBIAS = 0.15mA, 0.25mA,
0.40mA, OR 0.65mA
Figure 41. External Loop Filter, Varactor, and LC Tank Required to Realize a
Complete Clock Synthesizer
The AD9864 clock synthesizer circuitry includes a negative
resistance core so that only an external LC tank circuit with a
varactor is needed to realize a voltage controlled clock oscillator
(VCO). Figure 41 shows the external components required to
complete the clock synthesizer along with the equivalent input
circuitry of the CLK input. The resonant frequency of the VCO
is approximately determined by LOSC and the series equivalent
capacitance of COSC and CVAR. As a result, LOSC, COSC, and CVAR
must be selected to provide a sufficient tuning range to ensure
both proper start-up oscillation and locking of the clock
synthesizer. Both the COSC and LOSC values must have ±5%
tolerance along with LOSC having a Q > 20 at the desired clock
frequency.
The bias, IBIAS, of the negative-resistance core has four
programmable settings. The lower equivalent Q of the LC tank
circuit may require a higher bias setting of the negative
resistance core to ensure proper oscillation. Select RBIAS so that the
common-mode voltage at CLKP and CLKN is approximately 1.6 V.
The synthesizer may be disabled via the CK standby bit to allow the
user to employ an external synthesizer and/or VCO in place of
those resident on the IC. Note that if an external CLK source or
VCO is used, the clock oscillator must be disabled via the CKO
standby bit.
The phase noise performance of the clock synthesizer is
dependent on several factors, including the CLK oscillator IBIAS
setting, charge pump setting, loop filter component values, and
internal fREF setting. Figure 42 and Figure 43 show how the
measured phase noise attributed to the clock synthesizer varies
(relative to an external fCLK) as a function of the IBIAS setting and
charge pump setting for a −31 dBm IFIN signal at 73.35 MHz
with an external LO signal at 71.1 MHz. Figure 42 shows that
the optimum phase noise is achieved with the highest IBIAS
(CKO) setting, while Figure 43 shows that the higher charge
pump values provide the optimum performance for the given
loop filter configuration. The AD9864 clock synthesizer and
oscillator were set up to provide an fCLK of 18 MHz from an
external fREF of 16.8 MHz. The following external component
values were selected for the synthesizer: RF = 390 Ω, RD = 2 kΩ,
CZ = 0.68 μF, CP = 0.1 μF, COSC = 91 pF, LOSC = 1.2 μH, and
CVAR = Toshiba 1SV228 varactor.
–25
–90
–100
–110
–120
–20
–15
–10
–5
5
10
15
20
25
FREQUENCY OFFSET (kHz)
–80
–70
–60
–50
–40
–30
–20
–10
–130
–140
CKO = 1
CK0 = 0
CKO = 2
CKO = 3
EXT CLK
0
0
Figure 42. CLK Phase Noise vs. IBIAS Setting (CKO);
IF = 73.35 MHz, IF = 71.1 MHz, IFIN = −31 dBm, fCLK = 18 MHz, fREF = 16.8 MHz;
CLK SYN Settings: CKI = 7, CLR = 56, and CLN = 60 with fREF = 300 kHz
–25
–90
–100
–110
–120
–20
–15
–10
5
5
10
15
20
25
FREQUENCY OFFSET (kHz)
–80
–70
–60
–50
–40
–30
–20
–10
0
–130
–140
CP = 0
CP = 2
CP = 4
CP = 6
EXT CLK
0
Figure 43. CLK Phase Noise vs. IBIAS Setting (CKO);
IF = 73.35 MHz, IF = 71.1 MHz, IFIN = −31 dBm, fCLK = 18 MHz, fREF = 16.8 MHz;
CLK SYN Settings: CKO Bias = 3, CKR = 56, and CKN = 60 with fREF = 300 kHz
Table 18. SPI Registers Associated with CLK Synthesizer
Address (Hex)
Bit(s)
Width
Default Value
Name
0x00
[7:0]
8
0xFF
STBY
0x01
[3:2]
2
0x00
CKOB
0x10
[5:0]
6
0x00
CKR [13:8]
0x11
[7:0]
8
0x38
CKR [7:0]
0x12
[4:0]
5
0x00
CKN [12:8]
0x13
[7:0]
8
0x3C
CKN [7:0]
0x14
6
1
0
CKF
5
1
0
CKINV
[4:2]
3
0x00
CKI
[1:0]
1
0x00
CKTM
0x15
[3:0]
4
0x00
CKFA [13:8]
0x16
[7:0]
8
0x04
CKFA [7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com