Electronic Components Datasheet Search
  English  ▼

X  

AD9864 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9864
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9864 Datasheet HTML 20Page - Analog Devices AD9864 Datasheet HTML 21Page - Analog Devices AD9864 Datasheet HTML 22Page - Analog Devices AD9864 Datasheet HTML 23Page - Analog Devices AD9864 Datasheet HTML 24Page - Analog Devices AD9864 Datasheet HTML 25Page - Analog Devices AD9864 Datasheet HTML 26Page - Analog Devices AD9864 Datasheet HTML 27Page - Analog Devices AD9864 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
Data Sheet
AD9864
Rev. A | Page 23 of 47
I15
I14
tCLK
tHI
tV
tDV
tLOW
CLKOUT
FS
DOUT
Figure 34. SSI Timing Parameters for SSI Timing
In Figure 34, the timing parameters also apply to inverted
CLKOUT or FS modes, with tDV relative to the falling edge of
the CLK and/or FS.
The AD9864 also provides the means for controlling the
switching characteristics of the digital output signals via the drive
strength (DS) field of the SSICRB. This feature is useful in
limiting switching transients and noise from the digital output
that may ultimately couple back into the analog signal path,
potentially degrading the sensitivity performance of the AD9864.
Figure 35 and Figure 36 show how the NF can vary as a function
of the SSI setting for an IF frequency of 109.65 MHz. The
following two observations can be made from these figures:
1. The NF becomes more sensitive to the SSI output drive
strength level at higher signal bandwidth settings.
2. The NF is dependent on the number of bits within an SSI
frame that become more sensitive to the SSI output drive
strength level as the number of bits is increased. Therefore,
select the lowest possible SSI drive strength setting that still
meets the SSI timing requirements.
SSI OUTPUT DRIVE STRENGTH SETTING
2
10.0
4
9.6
3
1
8.0
7
6
5
24-BIT I/O DATA
9.8
9.4
9.2
9.0
8.6
8.8
8.4
8.2
16-BIT I/0 DATA
w/ DVGA ENABLED
16-BIT I/O DATA
Figure 35. NF vs. SSI Output Drive Strength
(VDDx = 3.0 V, fCLK = 18 MSPS, BW = 10 kHz)
SSI OUTPUT DRIVE STRENGTH SETTING
2
14
4
12
3
1
7
7
6
5
24-BIT I/O DATA
13
11
9
10
8
16-BIT I/O DATA
w/DVGA ENABLED
16-BIT I/O DATA
Figure 36. NF vs. SSI Output Drive Strength
(VDDx = 3.0 V, fCLK = 18 MSPS, BW = 75 kHz)
Table 15 lists the typical output rise/fall times as a function of
DS for a 10 pF load. Rise/fall times for other capacitor loads can
be determined by multiplying the typical values presented by a
scaling factor equal to the desired capacitive load divided by 10 pF.
Table 15. Typical Rise/Fall Times (±25%) with a 10 pF
Capacitive Load for Each DS Setting
DS
Typ (ns)
0
13.5
1
7.2
2
50
3
3.7
4
3.2
5
2.8
6
2.3
7
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com