Electronic Components Datasheet Search
  English  ▼

X  

AD9864 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9864
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9864 Datasheet HTML 21Page - Analog Devices AD9864 Datasheet HTML 22Page - Analog Devices AD9864 Datasheet HTML 23Page - Analog Devices AD9864 Datasheet HTML 24Page - Analog Devices AD9864 Datasheet HTML 25Page - Analog Devices AD9864 Datasheet HTML 26Page - Analog Devices AD9864 Datasheet HTML 27Page - Analog Devices AD9864 Datasheet HTML 28Page - Analog Devices AD9864 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
AD9864
Data Sheet
Rev. A | Page 24 of 47
SYNCHRONIZATION USING SYNCB
Many applications require the ability to synchronize one or
more AD9864 devices in a way that causes the output data to
be precisely aligned to an external asynchronous signal. For
example, receiver applications employing diversity often require
synchronization of the digital outputs of multiple AD9864
devices. Satellite communication applications using TDMA
methods may require synchronization between payload bursts
to compensate for reference frequency drift and Doppler effects.
SYNCB can be used for this purpose. It is an active-low signal
that clears the clock counters in both the decimation filter and
the SSI port. The counters in the clock synthesizers are not reset
because it is presumed that the CLK signals of multiple chips
would be connected. SYNCB also resets the modulator,
resulting in a large-scale impulse that must propagate through
the digital filter and SSI data formatting circuitry of the
AD9864 before recovering valid output data. As a result, data
samples unaffected by this SYNCB induced impulse can be
recovered 12 output data samples after SYNCB goes high
(independent of the decimation factor). Because SYNCB also
resets the modulator, apply SYNCB only after the tuning of the
band-pass Σ-Δ ADC has been completed during the
initialization phase. For applications that may be performing a
periodic SYNCB signal that is synchronous to FS, it is
recommended that SYNCB assertion be applied after the rising
edge of FS and three CLKOUT cycles before the arrival of the
next FS pulse to avoid a possible runt FS pulse that could
disrupt the host DSP/FPGA. Lastly, SYNCB must be tied high if
unused because it does not include an internal pull-up resistor.
Figure 37 shows the timing relationship between SYNCB and
the CLKOUT and FS signals of the SSI port. When the clock
synthesizer is enabled to generate the input ADC clock, SYNCB
is considered an asynchronous active-low signal that must remain
low for at least half an input clock period, that is, 1/(2 × fCLK).
CLKOUT remains high while FS remains low upon SYNCB
going low. CLKOUT becomes active within one to two output
clock periods upon SYNCB returning high. If an external ADC
clock input is supplied along with a synchronous SYNCB signal,
it is recommended that SYNCB go low and returns high on the
falling edges of the CLKIN signal to ensure consistent CLKOUT
delay relative to rising edge of SYNCB. FS reappears several
output cycles later, depending on the decimation factor of the
digital filter and the SSIORD setting. Note that for any
decimation factor and SSIORD setting, this delay is fixed and
repeatable. To verify proper synchronization, monitor the FS
signals of the multiple AD9864 devices.
FS
SYNCB
CLKOUT
Figure 37. SYNCB Timing
INTERFACING TO DSPS
The AD9864 connects directly to an Analog Devices
programmable digital signal processor (DSP). Figure 38
illustrates an example with the Blackfin® series processors, such
as the ADSP-BF609. The Blackfin DSP series of 16-bit products
is optimized for low power telecommunications applications
with its dynamic power management feature, making it well
suited for portable radio products. The code compatible family
members share the fundamental core attributes of high
performance, low power consumption, and the ease-of-use
advantages of a microcontroller instruction set.
As shown in Figure 38, the synchronous serial interface (SSI)
of the AD9864 links the receive data stream to the serial port
(SPORT) of the DSP. For AD9864 setup and register
programming, the device connects directly to the SPI port of
the DSP. Dedicated select lines (SEL) allow the DSP to program
and read back registers of multiple devices using only one SPI
port. The DSP driver code pertaining to this interface is
available on the AD9864 product page.
AD9864
CLKOUT
SPORT0_ACLK
PC
SPI1_CLK
PD
SPI1_MOSI
DOUTB
SPI1_MISO
PE
SPI1_SSEL7
FS
SPORT0_AFS
DOUTA
SPORT0_AD0
SPI
SSI
ADSP-BF609
SPORT
SPI
SYNCB
PE0
DGND
GND
DGND
GND
Figure 38. Example of AD9864 and ADSP-BF609 Interface
POWER CONTROL
To allow power consumption to be minimized, the AD9864
possesses numerous SPI programmable power-down and bias
control bits. The AD9864 powers up with all of its functional
blocks placed into a standby state, that is, STBY register default
is 0xFF. Each major block can then be powered up by writing a
0 to the appropriate bit of the STBY register. This scheme
provides the greatest flexibility for configuring the IC to a
specific application as well as for tailoring the power-down and
wake-up characteristics of the IC. Table 16 summarizes the
function of each of the STBY bits. Note that when all the blocks
are in standby, the master reference circuit is also put into
standby, and therefore the current is reduced further by 0.4 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com