Electronic Components Datasheet Search
  English  ▼

X  

AD9864 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9864
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9864 Datasheet HTML 18Page - Analog Devices AD9864 Datasheet HTML 19Page - Analog Devices AD9864 Datasheet HTML 20Page - Analog Devices AD9864 Datasheet HTML 21Page - Analog Devices AD9864 Datasheet HTML 22Page - Analog Devices AD9864 Datasheet HTML 23Page - Analog Devices AD9864 Datasheet HTML 24Page - Analog Devices AD9864 Datasheet HTML 25Page - Analog Devices AD9864 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
Data Sheet
AD9864
Rev. A | Page 21 of 47
SSI CONTROL REGISTERS
SSICRA (Address 0x18)
Table 8. SSICRA Bitmap
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
AAGC
EAGC
EFS
SFST
SFSI
SLFS
SCKT
SCKI
Table 9. SSICRA Bit Descriptions
Bit(s)
Name
Width
Default
Description
7
AAGC
1
0
Alternate AGC data bytes.
6
EAGC
1
0
Embed AGC data.
5
EFS
1
0
Embed frame sync.
4
SFST
1
1
Three-state frame sync.
3
SFSI
1
0
Invert frame sync.
2
SLFS
1
0
Late frame sync (1 = late, 0 = early).
1
SCKT
1
1
Three-state CLKOUT.
0
SCKI
1
0
Invert CLKOUT.
SSICRB (Address 0x19)
Table 10. SSICRB Bitmap
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
4_SPI
Reserved
Reserved
Reserved
DW
DS_2
DS_1
DS_0
Table 11. SSICRB Bit Descriptions
Bit(s)
Name
Width
Default
Description
7
4_SPI
1
0
Enable 4-wire SPI interface for SPI read operation via DOUTB.
[6:4]
Reserved
3
0
Reserved.
3
DW
1
0
I/Q data-word width (0 = 16 bit, 1 = 24 bit). Automatically 16-bit when AGCV = 1.
[2:0]
DS
3
7
FS, CLKOUT, and DOUT drive strength Level 0 to Level 7, with 7 being the highest level.
SSIORD (Address 0x1A)
Table 12. SSIORD Bitmap
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
Reserved
Reserved
Reserved
DIV_3
DIV_2
DIV_1
DIV_0
Table 13. SSIORD Bit Descriptions
Bit(s)
Name
Width
Default
Description
[7:4]
Reserved
4
0
Reserved.
[3:0]
SSIORD
4
1
Output bit rate divisor setting fCLKOUT = fCLK/SSIORD where SSIORD = 1 to 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com