Electronic Components Datasheet Search
  English  ▼

X  

AD9864 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9864
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9864 Datasheet HTML 29Page - Analog Devices AD9864 Datasheet HTML 30Page - Analog Devices AD9864 Datasheet HTML 31Page - Analog Devices AD9864 Datasheet HTML 32Page - Analog Devices AD9864 Datasheet HTML 33Page - Analog Devices AD9864 Datasheet HTML 34Page - Analog Devices AD9864 Datasheet HTML 35Page - Analog Devices AD9864 Datasheet HTML 36Page - Analog Devices AD9864 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
AD9864
Data Sheet
Rev. A | Page 32 of 47
DECIMATION FILTER
4
OR
5
COS
SIN
DATA
FROM Σ-Δ
MODULATOR
DEC1
SINC4
FILTER
DEC2
SINC4
FILTER
M + 1
DEC3
FIR
FILTER
COMPLEX
DATA TO
SSI PORT
I
Q
M
K
12
Figure 52. Decimation Filter Architecture
The decimation filter shown in Figure 52 consists of an fCLK/8
complex mixer and a cascade of three linear phase FIR filters:
DEC1, DEC2, and DEC3. DEC1 downsamples by a factor of 12
using a fourth-order comb filter. DEC2 also uses a fourth-order
comb filter, but its decimation factor is set by the M field of
Register 0x07. DEC3 is either a decimate-by-5 FIR filter or a
decimate-by-4 FIR filter, depending on the value of the K bit
within Register 0x07. Thus, the composite decimation factor
can be set to either 60 × M or 48 × M for K equal to 0 or 1,
respectively.
The output data rate (fOUT) is equal to the modulator clock
frequency (fCLK) divided by the decimation factor of the digital
filter. Due to the transition region associated with the frequency
response of the decimation filter, the decimation factor must be
selected so that fOUT is equal to or greater than twice the signal
bandwidth, which ensures low amplitude ripple in the pass
band along with the ability to provide further application-
specific digital filtering prior to demodulation.
Figure 53 shows the response of the decimation filter at a
decimation factor of 900 (K = 0, M = 14) and a sampling clock
frequency of 18 MHz. In this example, the output data rate (fOUT)
is 20 kSPS, with a usable complex signal bandwidth of 10 kHz
centered around dc. As this figure shows, the first and second
alias bands (occurring at even integer multiples of fOUT/2) have
the least attenuation but provide at least 88 dB of attenuation.
Note that signals falling around frequency offsets that are odd
integer multiples of fOUT/2 (that is, 10 kHz, 30 kHz, and 50 kHz)
fall back into the transition band of the digital filter.
FREQUENCY (kHz)
–40
–100
0
30
10
20
–20
0
–60
–80
40
100
FOLD-
ING
POINT
±5.0kHz PASS BAND
–120
120
70
80
60
50
90
–88dB
–88dB
–101dB
–103dB
Figure 53. Decimation Filter Frequency Response for
fOUT = 20 kSPS (fCLK = 18 MHz, OSR = 900)
Figure 54 shows the response of the decimation filter with a
decimation factor of 48 and a sampling clock rate of 26 MHz.
The alias attenuation is at least 94 dB and occurs for frequencies
at the edges of the fourth alias band. The difference between
the alias attenuation characteristics of Figure 53 and those of
Figure 54 is due to the fact that the third decimation stage
decimates by a factor of 5 for Figure 53 compared with a factor
of 4 for Figure 54.
0
–40
–100
–20
–60
–80
–120
FREQUENCY (MHz)
EQUENCY
0
1.5
0.5
1.0
2.0
2.5
±135.466kHz PASS BAND
–98dB
–115dB
–94dB
Figure 54. Decimation Filter Frequency Response for
fOUT = 541.666 kSPS (fCLK = 26 MHz, OSR = 48)
Figure 55 and Figure 56 show expanded views of the pass band
for the two possible configurations of the third decimation
filter. When decimating by 60n (K = 0), the pass-band gain
variation is 1.2 dB; when decimating by 48n (K = 1), the pass-
band gain variation is 0.9 dB. Normalization of full scale at
band center is accurate to within 0.14 dB across all decimation
modes. Figure 57 and Figure 58 show the folded frequency
response of the decimator for K = 0 and K = 1, respectively.
NORMALIZED FREQUENCY (RELATIVE TO
fOUT)
0
3
0.250
0.125
2
1
0
–1
–2
–3
PASS-BAND GAIN FREQUENCY = 1.2dB
Figure 55. Pass-Band Frequency Response of the Decimator for K = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com