Electronic Components Datasheet Search
  English  ▼

X  

AD9864 Datasheet(PDF) 47 Page - Analog Devices

Part # AD9864
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864 Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9864 Datasheet HTML 40Page - Analog Devices AD9864 Datasheet HTML 41Page - Analog Devices AD9864 Datasheet HTML 42Page - Analog Devices AD9864 Datasheet HTML 43Page - Analog Devices AD9864 Datasheet HTML 44Page - Analog Devices AD9864 Datasheet HTML 45Page - Analog Devices AD9864 Datasheet HTML 46Page - Analog Devices AD9864 Datasheet HTML 47Page - Analog Devices AD9864 Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
AD9864
Data Sheet
Rev. A | Page 46 of 47
DEVICE SPI INITIALIZATION
Table 24 shows an example SPI initialization script when both the CLK SYN/OSC and LO SYN are used.
Table 24. SPI Initialization Example, fCLKIN = 16.8 MHz, fADC = 18 MHz, fIF = 73.35 MHz, LO = 71.10 MHz, fDATA_IQ = 60 kSPS with
Decimate by 300
Step
Address (Hex)
Write Value
Description
1
0x3F
0x99
Software reset.
2
0x19
0x87
Enable 4-wire SPI readback while keeping default 16-bit I/Q word width and maximum CMOS
output drive strength.
3
0x00
0x45
Take REF, GC, and CLK SYN/LO out of standby.
Configure Clock Synthesizer
4
0x01
0x0C
Set the CK oscillator bias to 0.65 mA for maximum swing.
5
0x10
0x00
Set the CLK synthesizer MSB and LSB reference frequency divider. (Note that default setting is
shown resulting in divide by 56.)
6
0x11
0x38
7
0x12
0x00
Set the CLK synthesizer MSB and LSB reference frequency divider. (Note that default setting is
shown resulting in divide by 300.)
8
0x13
0x3C
9
0x14
0x03
Set the CLK synthesizer charge pump to 0.625 mA. (Note that setting depends on PLL loop
configuration.)
10
Not applicable
Not applicable
Wait until the CLK SYN output frequency settles to within 0.01% of final frequency.
Begin LC and RC Resonator Calibration
11
0x3E
0x47
Disable the internal ADC unstable signal. Enable RC Q enhancement, and bypass the RC and SC
resonators.
12
0x38
0x01
Enable manual control of feedback DAC.
13
0x39
0x0F
Set DAC to midscale.
14
0x1C
0x03
Set LC and RC tuning bits.
15
0x00
0x44
Bring ADC out of standby to initiate LC and RC calibration.
16
0x1C
Readback value
Wait 6 ms and read back Register 0x1C. If Register 0x1C clears, proceed to Step 17. If Register 0x1C
does not clear, reset Register 0x1C and return to Step 14. Make five attempts before exiting loop.
17
0x38
0x00
Disable manual control of feedback DAC.
18
0x3E
0x00
Re-enable ADC unstable signal, disable RC_Q enhancement, and disable bypass of RC and SC
resonators.
End of LC and RC Resonator Calibration
19
0x00
0x00
Bring LNA/Mixer and LO synthesizer out of standby.
Configure LO Synthesizer
20
0x08
0x00
Set the LO synthesizer MSB and LSB reference frequency divider. (Note that the default setting
is shown resulting in divide by 56.)
21
0x09
0x38
22
0x0A
0xA0
Set the LO synthesizer A and B counters. (Note that the default setting is shown resulting in
divide by 237.)
23
0x0B
0x1D
24
0x0C
0x03
Set the LO synthesizer charge pump to 0.625 mA. (Note that setting depends on PLL loop
configuration.)
Configure Remaining SPI Registers
25
0x03 to 0x07
Set AGC registers.
26
0x07
0x04
Set decimation factor to 300.
27
0x1A
0x01
Set SSIORD register, which determines the CLKOUT frequency.
28
0x18
0x40
Take FS and CLKOUT out of tristate and configure SSI frame format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com