Electronic Components Datasheet Search
  English  ▼

X  

AD9864 Datasheet(PDF) 43 Page - Analog Devices

Part # AD9864
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864 Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9864 Datasheet HTML 39Page - Analog Devices AD9864 Datasheet HTML 40Page - Analog Devices AD9864 Datasheet HTML 41Page - Analog Devices AD9864 Datasheet HTML 42Page - Analog Devices AD9864 Datasheet HTML 43Page - Analog Devices AD9864 Datasheet HTML 44Page - Analog Devices AD9864 Datasheet HTML 45Page - Analog Devices AD9864 Datasheet HTML 46Page - Analog Devices AD9864 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
AD9864
Data Sheet
Rev. A | Page 42 of 47
rated operating range of 13 MHz to 26 MHz and no significant
spurious products related to fCLK fall within the desired pass band,
resulting in a reduction in sensitivity performance. If a spurious
component is found to limit the sensitivity performance, the
decimation factor can often be modified slightly to find a
spurious free pass band. Selecting a higher fCLK is typically more
desirable given a choice, because the filtering requirements of
the first IF often depend on the transition region between the IF
frequency and the image band (±fCLK/4). Lastly, the output SSI
clock rate, fCLKOUT, and digital driver strength must be set to their
lowest possible settings to minimize the potential harmful
effects of digital induced noise while preserving a reliable data
link to the DSP. Note that the SSICRA, SSICRB, and SSIORD
registers (0x18, 0x19, and 0x1A) provide a large degree of
flexibility for optimization of the SSI interface.
Synchronization of Multiple AD9864 Devices
Some applications, such as receiver diversity and beam steering,
may require two or more AD9864 devices operating in parallel
while maintaining synchronization. Figure 73 shows an example
of how multiple AD9864 devices can be cascaded, with one device
serving as the master and the other devices serving as the slaves.
In this example, all of the devices have the same SPI register
configuration since they share the same SPI interface to the
DSP. Because the state of each of the internal counters of the
AD9864 devices is unknown upon initialization, synchronization
of the devices is required via a SYNCB pulse (see Figure 37) to
synchronize their digital filters and to ensure precise time
alignment of the data streams.
Although the synthesizers of all of the device are enabled, the
LO and CLK signals for the slave(s) are derived from the
synthesizers of the master and are referenced to an external
crystal oscillator. All of the necessary external components (the
loop filters, varactor, LC, and VCO) required to ensure proper
closed-loop operation of the master synthesizers are included.
Note that the FREF input of the slave devices must be tied to
ground.
Note that although the VCO output of the LO synthesizer is ac-
coupled to the LO input(s) of the slave, all of the CLK inputs of
the devices must be dc-coupled if the CLK oscillators of the
AD9864 are enabled. This is because of the dc current required
by the CLK oscillators in each device. In essence, these negative
impedance cores are operating in parallel, increasing the
effective Q of the LC resonator circuit. RBIAS must be sized such
that the sum of the dc bias currents of the oscillators maintains
a common-mode voltage of approximately 1.6 V.
35
25
23
24
33
35
31
29
28
43
42
47
19
20
25
23
24
33
31
29
28
19
20
43
42
47
VCO
FS
DOUTA
CLKOUT
FREF
CLKP
CLKN
LOP
LON
IFIN
15
AD9864
MASTER
IOUTC
LOOP
FILTER
38
IOUTC
15
PE
PC
PD
LOP
LON
IFIN
FS
DOUTA
CLKOUT
SYNCB
TO
DSP
CLKP
CLKN
IOUTL
TO DSP
FROM
DSP
LOOP
FILTER
CVAR
RD
RF
CP
CZ
0.1µF
LOSC
RBIAS
COSC
TO OTHER
AD9864s
FROM
CRYSTAL
OSCILLATION
VDDC
TO OTHER
AD9864s
AD9864
SLAVE
FREF
PE
PC
PD
SYNCB
Figure 74. Example of Synchronizing Multiple AD9864 Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com