Electronic Components Datasheet Search
  English  ▼

X  

SLG46721 Datasheet(PDF) 45 Page - Dialog Semiconductor

Part # SLG46721
Description  Logic & Mixed Signal Circuits
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46721 Datasheet(HTML) 45 Page - Dialog Semiconductor

Back Button SLG46721 Datasheet HTML 41Page - Dialog Semiconductor SLG46721 Datasheet HTML 42Page - Dialog Semiconductor SLG46721 Datasheet HTML 43Page - Dialog Semiconductor SLG46721 Datasheet HTML 44Page - Dialog Semiconductor SLG46721 Datasheet HTML 45Page - Dialog Semiconductor SLG46721 Datasheet HTML 46Page - Dialog Semiconductor SLG46721 Datasheet HTML 47Page - Dialog Semiconductor SLG46721 Datasheet HTML 48Page - Dialog Semiconductor SLG46721 Datasheet HTML 49Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 101 page
background image
000-0046721-114
Page 44 of 100
SLG46721
10.2 3-Bit LUT or D Flip Flop with Set/Reset Macrocells
There are two macrocells that can serve as either 3-bit LUTs or as D Flip Flops. When used to implement LUT functions, the 3-bit
LUTs each take in three input signals from the connection matrix and produce a single output, which goes back into the connection
matrix. When used to implement D Flip Flop function, the three input signals from the connection matrix go to the data (d) and
clock (clk) and Set/Reset (rRST/nSET) inputs for the Flip Flop, with the output going back to the connection matrix.
Figure 13. 3-bit LUT2 or DFF2
Figure 14. 3-bit LUT3 or DFF3
DFF2
clk
D
To Connection Matrix<
Input 26>
8-bits NVM
From Connection
Matrix Output <43>
1-bit NVM
3-bit LUT2 OUT
IN1
IN2
IN0
nRST/nSET
From Connection
Matrix Output <42>
From Connection
Matrix Output <41>
reg <622:615>
reg <671>
reg <616> Output Select (Q or nQ)
Q/nQ
DFF3
clk
D
8-bits NVM
1-bit NVM
3-bit LUT3 OUT
IN1
IN2
IN0
nRST/nSET
From Connection
Matrix Output <46>
From Connection
Matrix Output <45>
From Connection
Matrix Output <44>
reg <630:623>
reg <672>
To Connection Matrix<
Input 27>
reg <624> Output Select (Q or nQ)
Q/nQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com