Electronic Components Datasheet Search
  English  ▼

X  

SLG46721 Datasheet(PDF) 95 Page - Dialog Semiconductor

Part # SLG46721
Description  Logic & Mixed Signal Circuits
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46721 Datasheet(HTML) 95 Page - Dialog Semiconductor

Back Button SLG46721 Datasheet HTML 91Page - Dialog Semiconductor SLG46721 Datasheet HTML 92Page - Dialog Semiconductor SLG46721 Datasheet HTML 93Page - Dialog Semiconductor SLG46721 Datasheet HTML 94Page - Dialog Semiconductor SLG46721 Datasheet HTML 95Page - Dialog Semiconductor SLG46721 Datasheet HTML 96Page - Dialog Semiconductor SLG46721 Datasheet HTML 97Page - Dialog Semiconductor SLG46721 Datasheet HTML 98Page - Dialog Semiconductor SLG46721 Datasheet HTML 99Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 101 page
background image
000-0046721-114
Page 94 of 100
SLG46721
reg<968:967>
Select the edge mode of programmable delay & edge
detector
00: rising edge detector
01: falling edge detector
10: both edge detector
11: both edge delay
reg<969>
Select edge detector output mode
0: edge detector output
1: delayed edge detector output
reg<977:970>
8-bit pattern id
reg<978>
GPIO quick charge enable
0: Disable
1: Enable
reg<979>
NVM data read disable
0: Disable (program data can be read)
1: Enable (Program data cannot be read)
reg<980>
NVM power down
0: None (or programming enable)
1: Power Down (or programming disable)
reg<981>
Force bandgap on
0: Auto-mode
1: Enable
reg<982>
VREF1 Output Active Buffer Control
0: Disabled (bypass Active Buffer)
1: Enabled
reg<983>
VREF2 Output Active Buffer Control
0: Disabled (bypass Active Buffer)
1: Enabled
reg<991:984>
Reserved
reg<994:992>
VREF1 Output Source Select
000: ACMP0 reference voltage
001: ACMP1 reference voltage
100: VDD/2
101: VDD/3
110: VDD/4
111: Hi-Z
reg<997:995>
VREF2 Output Source Select
000: ACMP2 reference voltage
001: ACMP3 reference voltage
100: VDD/2
101: VDD/3
110: VDD/4
111: Hi-Z
reg<998>
Power Divider Power
0: Power down
1: Power On
reg<999>
POR Auto Power detect
0: Enable
1: Disable
reg<1000>
Charge pump for analog macrocell enable (when VDD
<=2.7V turn on)
0: Disable (automatic on/off control)
1: Enable (always on)
reg<1002:1001> Reserved
reg<1007:1003> Reserved
reg<1013:1008> Reserved
Reg<1015:1014> Reserved
reg<1023:1016> Reserved
Register Bit
Address
Signal Function
Register Bit Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com