Electronic Components Datasheet Search
  English  ▼

X  

SLG46721 Datasheet(PDF) 12 Page - Dialog Semiconductor

Part # SLG46721
Description  Logic & Mixed Signal Circuits
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46721 Datasheet(HTML) 12 Page - Dialog Semiconductor

Back Button SLG46721 Datasheet HTML 8Page - Dialog Semiconductor SLG46721 Datasheet HTML 9Page - Dialog Semiconductor SLG46721 Datasheet HTML 10Page - Dialog Semiconductor SLG46721 Datasheet HTML 11Page - Dialog Semiconductor SLG46721 Datasheet HTML 12Page - Dialog Semiconductor SLG46721 Datasheet HTML 13Page - Dialog Semiconductor SLG46721 Datasheet HTML 14Page - Dialog Semiconductor SLG46721 Datasheet HTML 15Page - Dialog Semiconductor SLG46721 Datasheet HTML 16Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 101 page
background image
000-0046721-114
Page 11 of 100
SLG46721
5.5 IDD Estimator
5.6 Timing Estimator
Table 1. Typical Current estimated for each macrocell.
Symbol
Parameter
Note
VDD = 1.8 V VDD = 3.3V VDD = 5.0V
Unit
I
Current
Chip Quiescent
0.5
0.8
1.0
A
Vref
64
78
75
A
Vref Buffer (each)
0.5
12
12
A
OSC 25 kHz, predivide = 1
3.4
5.1
7
A
OSC 2 MHz, predivide = 1
44
85
135
A
OSC 2 MHz, predivide = 8
23
33
41
A
1x push-pull + 4 pF @ 25 kHz
0.4
5
16
A
1x push-pull + 4 pF @ 2 MHz
22
47
106
A
1st ACMP used (includes Vref)
73
86
81
A
Each additional ACMP add
3.7
4.1
4.8
A
Table 2. Typical Delay estimated for each macrocell.
Symbol Parameter
Note
VDD = 1.8 V
VDD = 3.3V
VDD = 5.0V
Unit
rising falling rising falling rising falling
tpd
Delay
Digital Input without Schmitt Trigger
42
45
17
19
12
13
ns
tpd
Delay
Digital Input with Schmitt Trigger
42
43
16
17
18
12
ns
tpd
Delay
Low Voltage Digital input
45
428
17
177
12
120
ns
tpd
Delay
Digital input-- PMOS
42
-
17
-
12
-
ns
tpd
Delay
Digital input-- NMOS
-
80
-
27
-
18
ns
tpd
Delay
Output enable from pin, OE Hi-Z to 1
53
-
21
-
15
-
ns
tpd
Delay
Output enable from pin, OE Hi-Z to 0
50
-
20
-
14
-
ns
tpd
Delay
LUT2bit(LATCH)
34
33
14
13
10
9
ns
tpd
Delay
LATCH(LUT2bit)
30
34
14
13
10
9
ns
tpd
Delay
LUT3bit(LATCH)
38
37
18
15
13
10
ns
tpd
Delay
LATCH+nRESET(LUT3bit)
45
42
21
17
15
12
ns
tpd
Delay
LUT4bit
28
33
14
13
10
9
ns
tpd
Delay
LUT2bt
19
26
10
10
7
7
ns
tpd
Delay
LUT3bit
28
34
14
13
10
9
ns
tpd
Delay
CNT/DLY
40
38
18
15
13
11
ns
tpd
Delay
P_DLY1C
380
377
166
163
123
120
ns
tpd
Delay
P_DLY2C
720
718
314
312
233
231
ns
tpd
Delay
P_DLY3C
1061
1060
462
460
343
341
ns
tpd
Delay
P_DLY4C
1396
1400
609
609
451
451
ns
tpd
Delay
Filter
200
200
78
78
53
53
ns
tpd
Delay
ACMP (5mV across inputs)
3000
3000
2000
2000
2000
2000
ns
tw
width
I/O with 1X push pull (min transmitted)
20
20
20
20
20
20
ns
tw
width
filter (min transmitted)
150
150
55
55
35
35
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com