Electronic Components Datasheet Search
  English  ▼

X  

SLG46721 Datasheet(PDF) 37 Page - Dialog Semiconductor

Part # SLG46721
Description  Logic & Mixed Signal Circuits
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46721 Datasheet(HTML) 37 Page - Dialog Semiconductor

Back Button SLG46721 Datasheet HTML 33Page - Dialog Semiconductor SLG46721 Datasheet HTML 34Page - Dialog Semiconductor SLG46721 Datasheet HTML 35Page - Dialog Semiconductor SLG46721 Datasheet HTML 36Page - Dialog Semiconductor SLG46721 Datasheet HTML 37Page - Dialog Semiconductor SLG46721 Datasheet HTML 38Page - Dialog Semiconductor SLG46721 Datasheet HTML 39Page - Dialog Semiconductor SLG46721 Datasheet HTML 40Page - Dialog Semiconductor SLG46721 Datasheet HTML 41Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 101 page
background image
000-0046721-114
Page 36 of 100
SLG46721
9.0 Combinatorial Logic
Combinatorial logic is supported via nine Lookup Tables (LUTs) within the SLG46721. There are two 2-bit LUTs and seven 3-bit
LUTs. The device also includes eight Combination Function Macrocells that can be used as LUTs. For more details, please see
Section 10.0 Combination Function Macrocells.
Inputs/Outputs for the nine LUTs are configured from the connection matrix with specific logic functions being defined by the state
of NVM bits. The outputs of the LUTs can be configured to any user defined function, including the following standard digital logic
devices (AND, NAND, OR, NOR, XOR, XNOR).
9.1 2-Bit LUT
The two 2-bit LUTs each take in two input signals from the connection matrix and produce a single output, which goes back into
the connection matrix. .
Each 2-bit LUT uses a 4-bit register signal to define their output functions;
2-Bit LUT4 is defined by reg<590:587>
2-Bit LUT5 is defined by reg<594:591>
The table below shows the register bits for the standard digital logic devices (AND, NAND, OR, NOR, XOR, XNOR) that can be
created within each of the two 2-bit LUT logic cells.
Figure 7. 2-bit LUTs
Table 28. 2-bit LUT Standard Digital Functions.
Function
MSB
LSB
AND-2
1
000
NAND-2
0
1
1
1
OR-2
1
110
NOR-2
0
0
0
1
XOR-2
0
110
XNOR-2
1
001
2-bit LUT4 OUT
IN1
IN0
reg <590:587>
From Connection
Matrix Output <70>
From Connection
Matrix Output <71>
To Connection
Matrix Input <37>
2-bit LUT5 OUT
IN1
IN0
reg <594:591>
From Connection
Matrix Output <72>
From Connection
Matrix Output <73>
To Connection
Matrix Input <38>
Table 26. 2-bit LUT4 Truth Table.
IN1
IN0
OUT
0
0
reg <587>
0
1
reg <588>
1
0
reg <589>
1
1
reg <590>
Table 27. 2-bit LUT5 Truth Table.
IN1
IN0
OUT
0
0
reg <591>
0
1
reg <592>
1
0
reg <593>
1
1
reg <594>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com