Electronic Components Datasheet Search
  English  ▼

X  

SLG46721 Datasheet(PDF) 22 Page - Dialog Semiconductor

Part # SLG46721
Description  Logic & Mixed Signal Circuits
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46721 Datasheet(HTML) 22 Page - Dialog Semiconductor

Back Button SLG46721 Datasheet HTML 18Page - Dialog Semiconductor SLG46721 Datasheet HTML 19Page - Dialog Semiconductor SLG46721 Datasheet HTML 20Page - Dialog Semiconductor SLG46721 Datasheet HTML 21Page - Dialog Semiconductor SLG46721 Datasheet HTML 22Page - Dialog Semiconductor SLG46721 Datasheet HTML 23Page - Dialog Semiconductor SLG46721 Datasheet HTML 24Page - Dialog Semiconductor SLG46721 Datasheet HTML 25Page - Dialog Semiconductor SLG46721 Datasheet HTML 26Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 101 page
background image
000-0046721-114
Page 21 of 100
SLG46721
7.4.9 PIN 10 Register Settings
7.4.10 PIN 12 Register Settings
Table 14. PIN 10 Register Settings
Signal Function
Register Bit
Address
Register Definition
PIN 10 Mode
Control
<884:882>
000: Digital Input without Schmitt Trigger
001: Digital Input with Schmitt Trigger
010: Low Voltage Digital Input
011: Analog Input/Output
100: Push Pull
101: Open Drain NMOS
110: Open Drain PMOS
111: Analog Input & Open Drain
PIN 10 Pull
Up/Down Resistor
Value Selection
<886:885>
00: Floating
01: 10 k
 Resistor
10: 100 k
 Resistor
11: 1 M
 Resistor
PIN 10 Pull
Up/Down Resistor
Selection
<887>
0: Pull Down Resistor
1: Pull Up Resistor
PIN 10 Driver
Strength Selection
<888>
0: 1X
1: 2X
PIN 10 Super Drive
(4X, NMOS Open
Drain) Selection
<889>
0: Super Drive Off
1: Super Drive On (if <884:882> = ‘101’)
Table 15. PIN 12 Register Settings
Signal Function
Register Bit
Address
Register Definition
PIN 12 Mode
Control
<892:890>
000: Digital Input without Schmitt Trigger
001: Digital Input with Schmitt Trigger
010: Low Voltage Digital Input
011: Analog Input/Output
100: Push Pull
101: Open Drain NMOS
110: Open Drain PMOS
111: Analog Input & Open Drain
PIN 12 Pull
Up/Down Resistor
Value Selection
<894:893>
00: Floating
01: 10 k
 Resistor
10: 100 k
 Resistor
11: 1 M
 Resistor
PIN 12 Pull
Up/Down Resistor
Selection
<895>
0: Pull Down Resistor
1: Pull Up Resistor
PIN 12 Driver
Strength Selection
<896>
0: 1X
1: 2X
PIN 12 Super Drive
(4X, NMOS Open
Drain) Selection
<897>
0: Super Drive Off
1: Super Drive On (if <892:890> = ‘101’)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com