Electronic Components Datasheet Search
  English  ▼

X  

SLG46721 Datasheet(PDF) 31 Page - Dialog Semiconductor

Part # SLG46721
Description  Logic & Mixed Signal Circuits
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46721 Datasheet(HTML) 31 Page - Dialog Semiconductor

Back Button SLG46721 Datasheet HTML 27Page - Dialog Semiconductor SLG46721 Datasheet HTML 28Page - Dialog Semiconductor SLG46721 Datasheet HTML 29Page - Dialog Semiconductor SLG46721 Datasheet HTML 30Page - Dialog Semiconductor SLG46721 Datasheet HTML 31Page - Dialog Semiconductor SLG46721 Datasheet HTML 32Page - Dialog Semiconductor SLG46721 Datasheet HTML 33Page - Dialog Semiconductor SLG46721 Datasheet HTML 34Page - Dialog Semiconductor SLG46721 Datasheet HTML 35Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 101 page
background image
000-0046721-114
Page 30 of 100
SLG46721
8.0 Connection Matrix
The Connection Matrix in the SLG46721 is used to create the internal routing for internal functions of the device once it is
programmed. The registers are programmed from the one-time NVM cell during Test Mode Operation. All of the connection point
for each logic cell within the SLG46721 has a specific digital bit code assigned to it that is either set to active “High” or inactive
“Low” based on the design that is created. Once the 1024 register bits within the SLG46721 are programmed a fully custom circuit
will be created.
The Connection Matrix has 64 inputs and 92 outputs. Each of the 64 inputs to the Connection Matrix is hard-wired to a particular
source macrocell, including I/O pins, LUTs, analog comparators, other digital resources and VDD and VSS. The input to a digital
macrocell uses a 6-bit register to select one of these 64 input lines.
For a complete list of the SLG46721’s register table, see Section 20.0 Appendix A - SLG46721 Register Definition.
Figure 6. Connection Matrix
VSS
0
Pin 2 Digital In
1
Pin 3 Digital In
2
Pin 4 Digital In
3
Matrix Input Signal
Functions
N
Resetb_core
62
VDD
63
N
Function
Registers
91
Input of INV_1
reg<551:546>
0
PIN3 Digital Output
Source
reg<5:0>
1
PIN3 Output Enable
reg<11:6>
2
PIN4 Digital Output
Source
reg<17:12>
Matrix Inputs
Matrix Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com