Electronic Components Datasheet Search
  English  ▼

X  

SLG46721 Datasheet(PDF) 67 Page - Dialog Semiconductor

Part # SLG46721
Description  Logic & Mixed Signal Circuits
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46721 Datasheet(HTML) 67 Page - Dialog Semiconductor

Back Button SLG46721 Datasheet HTML 63Page - Dialog Semiconductor SLG46721 Datasheet HTML 64Page - Dialog Semiconductor SLG46721 Datasheet HTML 65Page - Dialog Semiconductor SLG46721 Datasheet HTML 66Page - Dialog Semiconductor SLG46721 Datasheet HTML 67Page - Dialog Semiconductor SLG46721 Datasheet HTML 68Page - Dialog Semiconductor SLG46721 Datasheet HTML 69Page - Dialog Semiconductor SLG46721 Datasheet HTML 70Page - Dialog Semiconductor SLG46721 Datasheet HTML 71Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 101 page
background image
000-0046721-114
Page 66 of 100
SLG46721
13.1 CNT/DLY Timing Diagrams
Figure 30. Delay Mode Timing
Figure 31. Counter Mode Timing
delay_in
RC osc: force power on
(always running)
Delay output
Asynchronous delay variable
Asynchronous delay variable
delay = period x (counter data + 2) + variable
variable = 0..1
delay = period x (counter data + 2) + variable
variable = 0..1
Delay mode (edge select: both, counter data:3)
delay_in
RC osc: auto power on
(powers up from delay in)
Delay output
offset
offset
delay = offset + period x (counter data + 2)
variable = 0..1
offset = approx. 4-22
s at room temp. for 2 MHz osc
delay = offset + period x (counter data + 2)
variable = 0..1
offset = approx. 4-22
s at room temp. for 2 MHz osc
delay_in
CLK
Counter output
Count start in 2 clk after reset
4 clk period pulse
Count mode (count data:3), Counter reset (rising edge detect reset by delay_in input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com