Electronic Components Datasheet Search
  English  ▼

X  

SLG46721 Datasheet(PDF) 36 Page - Dialog Semiconductor

Part # SLG46721
Description  Logic & Mixed Signal Circuits
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46721 Datasheet(HTML) 36 Page - Dialog Semiconductor

Back Button SLG46721 Datasheet HTML 32Page - Dialog Semiconductor SLG46721 Datasheet HTML 33Page - Dialog Semiconductor SLG46721 Datasheet HTML 34Page - Dialog Semiconductor SLG46721 Datasheet HTML 35Page - Dialog Semiconductor SLG46721 Datasheet HTML 36Page - Dialog Semiconductor SLG46721 Datasheet HTML 37Page - Dialog Semiconductor SLG46721 Datasheet HTML 38Page - Dialog Semiconductor SLG46721 Datasheet HTML 39Page - Dialog Semiconductor SLG46721 Datasheet HTML 40Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 101 page
background image
000-0046721-114
Page 35 of 100
SLG46721
reg<467:462>
Matrix Out: Pin13 Digital Output Source
77
reg<473:468>
Matrix Out: Pin13 Output Enable
78
reg<479:474>
Matrix Out: Pin14 Digital Output Source
79
reg<485:480>
Matrix Out: Pin14 Output Enable
80
reg<491:486>
Matrix Out: Pin15 Digital Output Source
81
reg<497:492>
Matrix Out: Pin16 Digital Output Source
82
reg<503:498>
Matrix Out: Pin16 Output Enable
83
reg<509:504>
Matrix Out: Pin17 Digital Output Source
84
reg<515:510>
Matrix Out: Pin18 Digital Output Source
85
reg<521:516>
Matrix Out: Pin18 Output Enable
86
reg<527:522>
Matrix Out: Pin19 Digital Output Source
87
reg<533:528>
Matrix Out: Pin19 Output Enable
88
reg<539:534>
Matrix Out: Pin20 Digital Output Source
89
reg<545:540>
Matrix Out: Input of INV_0 gate
90
reg<551:546>
Matrix Out: Input of INV_1 gate
91
Table 25. Matrix Output Table
Register Bit
Address
Matrix Output Signal Function
Matrix Output
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com