Electronic Components Datasheet Search
  English  ▼

X  

SLG46721 Datasheet(PDF) 53 Page - Dialog Semiconductor

Part # SLG46721
Description  Logic & Mixed Signal Circuits
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46721 Datasheet(HTML) 53 Page - Dialog Semiconductor

Back Button SLG46721 Datasheet HTML 49Page - Dialog Semiconductor SLG46721 Datasheet HTML 50Page - Dialog Semiconductor SLG46721 Datasheet HTML 51Page - Dialog Semiconductor SLG46721 Datasheet HTML 52Page - Dialog Semiconductor SLG46721 Datasheet HTML 53Page - Dialog Semiconductor SLG46721 Datasheet HTML 54Page - Dialog Semiconductor SLG46721 Datasheet HTML 55Page - Dialog Semiconductor SLG46721 Datasheet HTML 56Page - Dialog Semiconductor SLG46721 Datasheet HTML 57Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 101 page
background image
000-0046721-114
Page 52 of 100
SLG46721
11.0 Analog Comparators (ACMP)
There are four Analog Comparator (ACMP) macrocells in the SLG46721. In order for the ACMP cells to be used in a GreenPAK
design, the power up signals (ACMP0_pdb, ACMP1_pdb, ACMP2_pdb and ACMP3_pdb) need to be active. By connecting to
signals coming from the Connection Matrix, it is possible to have each ACMP be on continuously, off continuously, or switched
on periodically based on a digital signal coming from the Connection Matrix. When ACMP is powered down, output is low.
Each of the ACMP cells has a positive input signal that can be provided by a variety of external sources, and can also have a
selectable gain stage before connection to the analog comparator. Each of the ACMP cells has a negative input signal that is
either created from an internal VREF or provided by way of the external sources.
PWR UP = 1 => ACMP is powered up.
PWR UP = 0 => ACMP is powered down.
During powerup, the ACMP output will remain low, and then become valid 120
s (max) after POR signal goes high. If Low
Bandwidth option enabled, then the ACMP output initializes in the high state.
Vref accuracy is optimized near 1000 mV selection.
Input bias current < 1 nA (typ). The Gain divider is unbuffered and consists of 1 M
 resistors. IN- voltage range: 0 - 1.2 V. Can
use Vref selection VDD/4 and VDD/3 to maintain this input range.
For high input impedance when using the gain divider (x0.25, x0.33, x0.5), it is possible to use the input buffer. However, this will
affect input voltage range, see Figure 18. It also will add the offset in a range of -24.5 mV to 12.6 mV. It is not recommended to
use the input buffer when the gain divider is not used. .
Note: the input buffer gain depends on VDD, see Figure 19.
Figure 18. Maximum Analog Buffer Input Voltage vs. VDD
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
1.7
1.8
1.9
2.5
2.7
3.0
3.3
3.6
4.2
4.5
5.0
5.5
VDD (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com