Electronic Components Datasheet Search
  English  ▼

X  

SLG46721 Datasheet(PDF) 94 Page - Dialog Semiconductor

Part # SLG46721
Description  Logic & Mixed Signal Circuits
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46721 Datasheet(HTML) 94 Page - Dialog Semiconductor

Back Button SLG46721 Datasheet HTML 90Page - Dialog Semiconductor SLG46721 Datasheet HTML 91Page - Dialog Semiconductor SLG46721 Datasheet HTML 92Page - Dialog Semiconductor SLG46721 Datasheet HTML 93Page - Dialog Semiconductor SLG46721 Datasheet HTML 94Page - Dialog Semiconductor SLG46721 Datasheet HTML 95Page - Dialog Semiconductor SLG46721 Datasheet HTML 96Page - Dialog Semiconductor SLG46721 Datasheet HTML 97Page - Dialog Semiconductor SLG46721 Datasheet HTML 98Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 101 page
background image
000-0046721-114
Page 93 of 100
SLG46721
reg<936:935>
PIN18 mode control (sig_pin18_oe =1)
00: Push Pull 1X
01: Push Pull 2X
10: Open Drain NMOS 1X
11: Open Drain NMOS 2X
reg<938:937>
PIN18 pull up/down resistor value selection
00: Floating
01: 10K
10: 100K
11: 1M
reg<939>
PIN18 pull up/down resistor select
0: pull down resistor enable
1: pull up resistor enable
reg<941:940>
PIN19 mode control (sig_pin19_oe =0)
00: Digital Input without Schmitt Trigger
01: Digital Input with Schmitt Trigger
10: Low Voltage Digital Input
11: Analog Input/Output
reg<943:942>
PIN19 mode control (sig_pin19_oe =1)
00: Push Pull 1X
01: Push Pull 2X
10: Open Drain NMOS 1X
11: Open Drain NMOS 2X
reg<945:944>
PIN19 pull up/down resistor value selection
00: Floating
01: 10K
10: 100K
11: 1M
reg<946>
PIN19 pull up/down resistor select
0: pull down resistor enable
1: pull up resistor enable
reg<949:947>
PIN20 mode control
000: Digital Input without Schmitt Trigger
001: Digital Input with Schmitt Trigger
010: Low Voltage Digital Input
011: Reserved
100: Push Pull
101: Open Drain NMOS
110: Open Drain PMOS
111: Open Drain NMOS
reg<951:950>
PIN20 pull up/down resistor value selection
00: Floating
01: 10K
10: 100K
11: 1M
reg<952>
PIN20 pull up/down resistor select
0: pull down resistor enable
1: pull up resistor enable
reg<953>
PIN20 driver strength selection
0: 1X
1: 2X
reg<961:954>
LUT3_9 data
reg<962>
Filter_1 output polarity select
0: Filter_1 output
1: Filter_1 output inverted
reg<963>
LUT3_8 or pipe delay output select
0: LUT3_8
1: 1pipe delay output
reg<964>
Pipe delay OUT1 polarity select bit
0: non-inverted
1: inverted
reg<966:965>
Delay value select for programmable delay & edge de-
tector
(VDD = 3.3V, typical condition)
00: 125 ns
01: 250 ns
10: 375 ns
11: 500 ns
Register Bit
Address
Signal Function
Register Bit Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com