Electronic Components Datasheet Search
  English  ▼

X  

SLG46721 Datasheet(PDF) 11 Page - Dialog Semiconductor

Part # SLG46721
Description  Logic & Mixed Signal Circuits
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46721 Datasheet(HTML) 11 Page - Dialog Semiconductor

Back Button SLG46721 Datasheet HTML 7Page - Dialog Semiconductor SLG46721 Datasheet HTML 8Page - Dialog Semiconductor SLG46721 Datasheet HTML 9Page - Dialog Semiconductor SLG46721 Datasheet HTML 10Page - Dialog Semiconductor SLG46721 Datasheet HTML 11Page - Dialog Semiconductor SLG46721 Datasheet HTML 12Page - Dialog Semiconductor SLG46721 Datasheet HTML 13Page - Dialog Semiconductor SLG46721 Datasheet HTML 14Page - Dialog Semiconductor SLG46721 Datasheet HTML 15Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 101 page
background image
000-0046721-114
Page 10 of 100
SLG46721
IGND
Maximum Average or DC
Current Through GND Pin
(Per chip side, see Note 2)
TJ = 85°C
--
--
84
mA
TJ = 110°C
--
--
40
mA
TSU
Startup Time
from VDD rising past 1.35 V
--
0.3
--
ms
PONTHR
Power On Threshold
VDD Level Required to Start Up the Chip
1.180
1.353
1.516
V
POFFTHR Power Off Threshold
VDD Level Required to Switch Off the
Chip
0.730
0.914
1.103
V
Note 1: DC or average current through any pin should not exceed value given in Absolute Maximum Conditions.
Note 2: The GreenPAK’s power rails are divided in two sides. Pins 2, 3, 4, 5, 6, 7, 8, 9 and 10 are connected to one side, pins
12, 13, 14, 15, 16, 17, 18, 19 and 20 to another.
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com