Electronic Components Datasheet Search
  English  ▼

X  

SLG46721 Datasheet(PDF) 81 Page - Dialog Semiconductor

Part # SLG46721
Description  Logic & Mixed Signal Circuits
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46721 Datasheet(HTML) 81 Page - Dialog Semiconductor

Back Button SLG46721 Datasheet HTML 77Page - Dialog Semiconductor SLG46721 Datasheet HTML 78Page - Dialog Semiconductor SLG46721 Datasheet HTML 79Page - Dialog Semiconductor SLG46721 Datasheet HTML 80Page - Dialog Semiconductor SLG46721 Datasheet HTML 81Page - Dialog Semiconductor SLG46721 Datasheet HTML 82Page - Dialog Semiconductor SLG46721 Datasheet HTML 83Page - Dialog Semiconductor SLG46721 Datasheet HTML 84Page - Dialog Semiconductor SLG46721 Datasheet HTML 85Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 101 page
background image
000-0046721-114
Page 80 of 100
SLG46721
20.0 Appendix A - SLG46721 Register Definition
Register Bit
Address
Signal Function
Register Bit Definition
reg<5:0>
Matrix Out: PIN3 Digital Output Source
reg<11:6>
Matrix Out: Output Enable of PIN3
reg<17:12>
Matrix Out: PIN4 Digital Output Source
reg<23:18>
Matrix Out: PIN5 Digital Output Source
reg<29:24>
Matrix Out: Output Enable of PIN5
reg<35:30>
Matrix Out: PIN6 Digital Output Source
reg<41:36>
Matrix Out: PIN7 Digital Output Source
reg<47:42>
Matrix Out: Output Enable of PIN7
reg<53:48>
Matrix Out: PIN8 Digital Output Source
reg<59:54>
Matrix Out: PIN9 Digital Output Source
reg<65:60>
Matrix Out: Output Enable of PIN9
reg<71:66>
Matrix Out: PIN10 Digital Output Source (Super Drive)
reg<77:72>
Matrix Out: pdb (power down) for ACMP0
reg<83:78>
Matrix Out: pdb (power down) for ACMP1
reg<89:84>
Matrix Out: pdb (power down) for ACMP2
reg<95:90>
Matrix Out: Input for delay0 or Counter0 external clock
reg<101:96>
Matrix Out: Input for delay1 or counter1 reset input
reg<107:102>
Matrix Out: Input for Counter1 external clock or delay1
external clock
reg<113:108>
Matrix Out: Input for delay4 or Counter4 external clock
reg<119:114>
Matrix Out: Input for delay5 or Counter5 external clock
reg<125:120>
Matrix Out: Input for delay6 or Counter6 external clock
reg<131:126> Matrix Out: Input for filter_0
reg<137:132> Matrix Out: Input for filter_1
reg<143:138>
Matrix Out: pdb (power down) for ACMP3
reg<149:144>
Matrix Out: In0 of LUT3_9
reg<155:150>
Matrix Out: In1 of LUT3_9
reg<161:156>
Matrix Out: In2 of LUT3_9
reg<167:162>
Matrix Out: In0 of LUT4_0 or Input for Counter2(delay2)
external clock
reg<173:168>
Matrix Out: In1 of LUT4_0 or Input for delay2(counter2
reset input)
reg<179:174>
Matrix Out: In2 of LUT4_0
reg<185:180>
Matrix Out: In3 of LUT4_0
reg<191:186>
Matrix Out: In0 of LUT4_1 or Input for Counter3(delay3)
external clock
reg<197:192>
Matrix Out: In1 of LUT4_1 or Input for delay3(counter3
reset input)
reg<203:198>
Matrix Out: In2 of LUT4_1
reg<209:204>
Matrix Out: In3 of LUT4_1
reg<215:210>
Matrix Out: In0 of LUT3_0
reg<221:216>
Matrix Out: In1 of LUT3_0
reg<227:222>
Matrix Out: In2 of LUT3_0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com